Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 16Page - Texas Instruments ADS5463IPFP Datasheet HTML 17Page - Texas Instruments ADS5463IPFP Datasheet HTML 18Page - Texas Instruments ADS5463IPFP Datasheet HTML 19Page - Texas Instruments ADS5463IPFP Datasheet HTML 20Page - Texas Instruments ADS5463IPFP Datasheet HTML 21Page - Texas Instruments ADS5463IPFP Datasheet HTML 22Page - Texas Instruments ADS5463IPFP Datasheet HTML 23Page - Texas Instruments ADS5463IPFP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ExternalVREF Applied
V
-
1.0
0.5
0
-0.5
-1.0
-1.5
-3.0
2.2
2.3
2.4
2.5
3.1
2.6
2.7
2.8
f =500MSPS
f
=230MHz
A
=<-1dBFS
S
IN
IN
2.9
3.0
BestFit:
y=-3.06x+7.33
Normalized
Amplitude
Linear
(Normalized Amplitude)
-2.0
-2.5
Normalizedto0dBatNominalVREF=2.4V
ExternalVREF Applied
V
-
90
80
70
60
50
40
2.05 2.15 2.25 2.35 2.45
3.15
f =500MSPS
f
=230MHz
S
IN
2.55 2.65 2.75 2.85 2.95 3.05
A
=-6dBFS
IN
A
=-4dBFS
IN
A
=-3dBFS
IN
A
=-5dBFS
IN
A
=-2dBFS
IN
A
=-1dBFS
IN
ExternalVREF Applied
V
-
70
65
60
55
50
45
40
2.05 2.15 2.25 2.35 2.45
3.15
f =500MSPS
f
=230MHz
S
IN
2.55 2.65 2.75 2.85 2.95 3.05
A
=-2dBFS
IN
A
=-1dBFS
IN
A
=-6dBFS
IN
A
=-4dBFS
IN
A
=-3dBFS
IN
A
=-5dBFS
IN
ExternalVREF Applied
V
-
3.0
2.9
2.8
2.7
2.5
2.3
2.1
2.0
2.05 2.15 2.25 2.35 2.45
3.15
2.55 2.65 2.75 2.85 2.95 3.05
f =500MSPS
f
=230MHz
S
IN
2.6
2.4
2.2
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
Figure 34. Signal Gain Adjustment versus External
Figure 35. SFDR versus External VREF and AIN
Reference (VREF)
Figure 36. SNR versus External VREF and AIN
Figure 37. Total Power Consumption versus External
VREF
20
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com