Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5701PAP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAP Datasheet(HTML) 5 Page - Texas Instruments

  TAS5701PAP Datasheet HTML 1Page - Texas Instruments TAS5701PAP Datasheet HTML 2Page - Texas Instruments TAS5701PAP Datasheet HTML 3Page - Texas Instruments TAS5701PAP Datasheet HTML 4Page - Texas Instruments TAS5701PAP Datasheet HTML 5Page - Texas Instruments TAS5701PAP Datasheet HTML 6Page - Texas Instruments TAS5701PAP Datasheet HTML 7Page - Texas Instruments TAS5701PAP Datasheet HTML 8Page - Texas Instruments TAS5701PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
64-PIN, HTQFP PACKAGE (TOP VIEW)
AVDD
AVSS
DVDD
MCLK
DVDD
CONFIG_2
CONFIG_1
RESET
PLL_FLTM
PLL_FLTP
VR_ANA
TEST1
BKND_ERR
VALID
SUB_PWM–
SUB_PWM+
GND
GND
VDD
GVDD_AB
GVDD_CD
PVDD_A
PVDD_A
PVDD_D
PVDD_D
VREG
OC_ADJ
FAULT
OUT_A
OUT_D
BST_A
BST_D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P0071-03
PAP Package
(TopView)
TAS5701
www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008
TERMINAL FUNCTIONS
TERMINAL
5-V
TERMINATION
I/O(1)
DESCRIPTION
TOLERANT
(2) (3)
NAME
NO.
AVDD
10
P
3.3-V Analog power supply
AVSS
11
P
Analog 3.3-V supply ground
BKND_ERR
37
DI
Pullup
Active low. A back-end error sequence is initiated by applying a logic
low to this pin. Connect to an external power stage. If no external
power stage is used, connect directly to DVDD.
BST_A
4
P
High-side bootstrap supply for half-bridge A
BST_B
57
P
High-side bootstrap supply for half-bridge B
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are 20-
µA weak pullups and all pulldowns are 20-µA weak pulldowns. The pullups and pulldowns are included to assure
proper input logic levels if the terminals are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input). Devices that drive
inputs with pullups must be able to sink 50
µA while maintaining a logic-0 drive level. Devices that drive inputs with pulldowns must be
able to source 50
µA while maintaining a logic-1 drive level.
(3)
If desired, low-ESR capacitance values can be implemented by paralleling two or more ceramic capacitors of equal value. Paralleling
capacitors of equal value provides an extended high-frequency supply decoupling. This approach avoids the potential of producing
parallel resonance circuits that have been observed when paralleling capacitors of different values.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com