Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5701PAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5701PAP Datasheet HTML 5Page - Texas Instruments TAS5701PAP Datasheet HTML 6Page - Texas Instruments TAS5701PAP Datasheet HTML 7Page - Texas Instruments TAS5701PAP Datasheet HTML 8Page - Texas Instruments TAS5701PAP Datasheet HTML 9Page - Texas Instruments TAS5701PAP Datasheet HTML 10Page - Texas Instruments TAS5701PAP Datasheet HTML 11Page - Texas Instruments TAS5701PAP Datasheet HTML 12Page - Texas Instruments TAS5701PAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ELECTRICAL CHARACTERISTICS
DC Characteristics
TAS5701
www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008
TA = 25 °C, PVCC_X = 18 V, DVDD = AVDD = 3.3 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
3.3-V TTL and 5-V tolerant (1)
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
3.3-V TTL and 5-V tolerant (1)
IOL = 4 mA
0.5
V
LRCLK, SCLK, SDINx, MCLK,
GAIN_x, VREG_EN,
VI = 0 V, DVDD = 3.6 V
±2
FORMATx, CONFIG_x
IIL
Low-level input current
µA
BKND_ERR, RESET, PDN,
VI = 0 V, DVDD = 3.6 V
±50
MUTE
RESET, PDN, MUTE, GAIN_x,
VI = 3.6 V, DVDD = 3.6 V
±2
BKND_ERR
VREG_EN, FORMAT_x,
IIH
High-level input current
CONFIG_x, LRCLK, SCLK,
VI = 3.6 V, DVDD = 3.6 V
±50
µA
SDINx, MCLK
RESET, PDN, MUTE, LRCLK,
VI = 5.5 V, DVDD = 3.6 V
±50
SCLK, SDINx, MCLK, GAIN_x
Normal mode, 50% duty cycle
65
80
IDD
Input digital supply current Supply voltage (DVDD, AVDD)
Power down (PDN = low)
8
16
mA
Reset (RESET = low)
23
33
Normal mode, 50% duty cycle
5
10
Gate supply current per
IGVDD
RESET = 0
2.2
4
mA
GVDD_xx input
PDN = 0
2.2
4
IPVDD
Input power supply current
No load
30
60
mA
IPVDD(PDN)
Power-down current
No load, PDN = 0
1
100
µA
IPVDD(RESET)
Reset current
No load, RESET = 0
1
100
µA
Drain-to-source
TJ = 25°C, includes
140
resistance, LS
metallization resistance
rDS(on)
m
Ω
Drain-to-source
TJ = 25°C, includes
140
resistance, HS
metallization resistance
I/O Protection
Undervoltage protection
Vuvp
PVDD falling
9.2
V
limit
Undervoltage protection
Vuvp,hyst
PVDD rising
9.6
V
limit
OTE(2)
Overtemperature error
150
°C
Extra temperature drop
OTEHYST
(2)
required to recover from
30
°C
error
Overload protection
OLPC
fPWM = 384 kHz
1.25
ms
counter
Overcurrent limit
IOC
ROCP = 22 kΩ
4.5
A
protection
Overcurrent response
IOCT
150
ns
time
Resistor tolerance = 5% for
OC programming resistor
typical value; the minimum
ROCP
20
22
k
Ω
range
resistance should not be less
than 20 k
Ω.
Internal pulldown resistor
Connected when RESET is
RPD
at the output of each
active to provide bootstrap
3
k
Ω
half-bridge
capacitor charge.
(1)
5-V tolerant inputs are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, SDIN2, GAIN_0, and GAIN_1.
(2)
Specified by design.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com