Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5701PAP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAP Datasheet(HTML) 1 Page - Texas Instruments

  TAS5701PAP Datasheet HTML 1Page - Texas Instruments TAS5701PAP Datasheet HTML 2Page - Texas Instruments TAS5701PAP Datasheet HTML 3Page - Texas Instruments TAS5701PAP Datasheet HTML 4Page - Texas Instruments TAS5701PAP Datasheet HTML 5Page - Texas Instruments TAS5701PAP Datasheet HTML 6Page - Texas Instruments TAS5701PAP Datasheet HTML 7Page - Texas Instruments TAS5701PAP Datasheet HTML 8Page - Texas Instruments TAS5701PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
DESCRIPTION
TAS5701
www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
• General Features
• Audio Input/Output
–
5-V Tolerant Inputs (See pin list for details
on which inputs are 5-V tolerant)
–
20-W Into an 8-
Ω Load From an 18-V Supply
–
Shutdown Mode for Low Power
–
Wide PVDD Range (0 V to 21 V)
Consumption
–
Efficient Class-D Operation Eliminates
–
Thermal and Short-Circuit Protection
Need for Heat Sinks
–
Autodetect: Automatically Detect
–
Two Serial Audio Inputs (3 Audio channels)
Sample-Rate Changes – No Need for
–
Supports 32-kHz to 192-kHz Sample Rates
External Microprocessor Intervention
(LJ/RJ/I2S)
–
Line-Level Subwoofer PWM Outputs
• Audio/PWM Processing
The TAS5701 is a 20-W efficient, digital audio power
–
BD (Filter-free) Modulation Supporting
amplifier for driving stereo bridge-tied speakers. Two
Bridge-Tied Loads ONLY
serial data inputs support up to 3 discrete audio
channels. The SDIN1 input is routed to the internal
–
4-Step Volume Control (0 dB, 6 dB, 12 dB,
left and right outputs. The SDIN2 input is dedicated to
18 dB)
the SUB_PWM± outputs.
– All Channels Share Same Control
The TAS5701 is a clock slave-only device receiving
–
Soft Mute (50% Duty Cycle)
clocks from external sources. The TAS5701 operates
–
DC Blocking Filters
at a 384-kHz switching rate for 32-, 48-, 96-, and
–
Fixed Maximum Modulation Limit At 97.7%
192-kHz
data
and
352.8-kHz
switching
rate
44.1-,88.2-,
and
176.4-kHz
data.
The
8×
–
≥100-dB SNR – Measured at Maximum
oversampling combined with the fourth-order noise
Output With THD+N = 1%, 1 kHz,
shaper provides a flat noise floor and excellent
A-Weighted Noise, Gain = 0 dB
dynamic range from 20 Hz to 20 kHz.
–
THD < 0.1% at 1/2 Rated Power
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5701PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5701PAP TI-TAS5701PAP Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAP TI1-TAS5701PAP Datasheet
1Mb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAP-P TI1-TAS5701PAP-P Datasheet
1Mb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAPG4 TI-TAS5701PAPG4 Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAPR TI-TAS5701PAPR Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - TAS5701PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5710 TI-TAS5710 Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5704PAPR TI1-TAS5704PAPR Datasheet
1Mb / 39P
20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5701 TI-TAS5701_15 Datasheet
961Kb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Eutech Microelectronics...
EUA2306 EUTECH-EUA2306 Datasheet
93Kb / 1P
20-W Stereo Digital Audio Power Amplifier
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5701 TI1-TAS5701_17 Datasheet
1Mb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com