Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5701PAP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5701PAP Datasheet HTML 13Page - Texas Instruments TAS5701PAP Datasheet HTML 14Page - Texas Instruments TAS5701PAP Datasheet HTML 15Page - Texas Instruments TAS5701PAP Datasheet HTML 16Page - Texas Instruments TAS5701PAP Datasheet HTML 17Page - Texas Instruments TAS5701PAP Datasheet HTML 18Page - Texas Instruments TAS5701PAP Datasheet HTML 19Page - Texas Instruments TAS5701PAP Datasheet HTML 20Page - Texas Instruments TAS5701PAP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Clock, Auto Detection, and PLL
SERIAL DATA INTERFACE
PWM SECTION
SERIAL INTERFACE CONTROL AND TIMING
I2S Timing
TAS5701
www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008
The 12-V supply should be from a low-noise, low-output-impedance voltage regulator. Likewise, the 18-V
power-stage supply is assumed to have low output impedance and low noise. The power-supply sequence is not
critical as facilitated by the internal power-on-reset circuit. Moreover, the TAS5701 is fully protected against
erroneous power-stage turnon due to parasitic gate charging.
The TAS5701 digital audio processor (DAP) is a clock slave device. It accepts MCLK, SCLK, and LRCLK.
The TAS5701 checks to verify that SCLK is a specific value of 32-fs, 48- fs, or 64-fs. The DAP only supports a 1 ×
fs LRCLK. The timing relationship of these clocks to SDIN1and SIN2 is shown in subsequent sections. The clock
section uses MCLK or the internal oscillator clock (when MCLK is unstable or absent) to produce the internal
clock.
The DAP can auto-detect and set the internal clock control logic to the appropriate settings for the frequencies of
32 kHz, normal speed (44.1 or 48 kHz), double speed (88.2 kHz or 96 kHz), and quad speed (176.4 kHz or 192
kHz).
Serial data is input on SDIN1 and SIN2. The PWM outputs are derived from SDIN1 ands SIN2. The TAS5701
DAP accepts 32-, 44.1-, 48-, 88.2-, 96-, 176.4-, and 192-kHz serial data in 16-, 18-, 20-, or 24-bit data in
left-justified, right-justified, and I2S serial data formats. See Table 1 for format control settings.
SDIN1 left channel data is sent to OUTA/OUTB configured in BTL. SDIN1 right channel data is sent to
OUTC/OUTD. SDIN2 left channel data is sent to SUB_PWM+/–. The right channel data of SDIN2 is ignored.
The DAP (digital audio processor) has three channels of high-performance digital PWM modulators that are
designed to drive bride-tied output H-bridge configurations with BD modulation.
The DAP uses noise-shaping and sophisticated error correction algorithms to achieve high power efficiency and
high-performance digital audio reproduction. The DAP uses a fourth-order noise shaper to provide >100-dB SNR
performance from 20 Hz to 20 kHz.
The PWM section accepts 24-bit PCM data from the DAP and outputs three PWM audio output channels. The
PWM section output supports bridge-tied loads ONLY.
The PWM section has individual channel dc blocking filters that are ALWAYS enabled. The filter cutoff frequency
is less than 1 Hz.
Finally, the PWM section has a fixed maximum modulation limit of 97.7%.
I2S timing uses LRCLK to define when the data being transmitted is for the left channel and when it is for the
right channel. LRCLK is low for the left channel and high for the right channel. A system clock (SCLK) running at
32, 48, or 64 × fs is used to clock in the data. There is a delay of one bit clock from the time the LRCLK signal
changes state to the first bit of data on the data lines. The data is written MSB first and is valid on the rising edge
of the bit clock. The DAP masks unused trailing data bit positions.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com