Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5705PAPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5705PAPR Datasheet HTML 37Page - Texas Instruments TAS5705PAPR Datasheet HTML 38Page - Texas Instruments TAS5705PAPR Datasheet HTML 39Page - Texas Instruments TAS5705PAPR Datasheet HTML 40Page - Texas Instruments TAS5705PAPR Datasheet HTML 41Page - Texas Instruments TAS5705PAPR Datasheet HTML 42Page - Texas Instruments TAS5705PAPR Datasheet HTML 43Page - Texas Instruments TAS5705PAPR Datasheet HTML 44Page - Texas Instruments TAS5705PAPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
x(n)
y(n)
b
0
b
1
S
b
2
a
1
a
2
M0012-02
z
–1
z
–1
Magnitude
Truncation
z
–1
z
–1
Subchannel Preprocessing
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
The biquads are implemented in a direct form-I architecture. The direct form-I structure provides a separate delay
element and mixer (gain coefficient) for each node in the biquad filter.
The five 26-bit (3.23) coefficients for the biquad are programmable via the I2C interface.
The following steps are invovled in using a loudness biquad with the volume comprensation feature:
1. Program the biquad with a loudness filter.
2. Program 0x26 (1/G) and 0x28 (scale).
3. Enable volume compensation in register 0x0E.
Figure 47. Biquad Filter
A subchannel has three input multiplexers that can select from the bass management output, the downmix
output, or the channel-6 input multiplexer output.
Register 0x21, bits (9:8) determine the submultiplexer selection, defined in Table 4.
Table 4. Submultiplexer Selection
Bits
Submultiplexer
00
Pass through channel-6 input multiplexer output
01
Select bass management block output for submultiplexer
10
Select downmix ouput for submultiplexer
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com