Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5705PAPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5705PAPR Datasheet HTML 6Page - Texas Instruments TAS5705PAPR Datasheet HTML 7Page - Texas Instruments TAS5705PAPR Datasheet HTML 8Page - Texas Instruments TAS5705PAPR Datasheet HTML 9Page - Texas Instruments TAS5705PAPR Datasheet HTML 10Page - Texas Instruments TAS5705PAPR Datasheet HTML 11Page - Texas Instruments TAS5705PAPR Datasheet HTML 12Page - Texas Instruments TAS5705PAPR Datasheet HTML 13Page - Texas Instruments TAS5705PAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
AC Characteristics (BTL)
AC Characteristics (Single-Ended Output)
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
PVDD_X = 18 V, BTL mode, RL = 8 Ω, ROC = 22 KΩ, CBST = 33 nF, audio frequency = 1 kHz, AES17 filter,
fPWM = 384 kHz, TA = 25°C (unless otherwise noted). All performance is in accordance with recommended operating
conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 18 V,10% THD, 1-kHz input signal
20.0
PVDD = 18 V, 7% THD, 1-kHz input signal
18.6
PVDD = 12 V, 10% THD, 1-kHz input
9
signal
PO
Power output per channel
W
PVDD = 12 V, 7% THD, 1-kHz input signal
8.3
PVDD = 8 V, 10% THD, 1-kHz input signal
3.9
PVDD = 8 V, 7% THD, 1-kHz input signal
3.7
PVDD = 18 V; PO = 10 W (half-power)
0.12%
THD+N
Total harmonic distortion + noise
PVDD = 12 V; PO = 4.5 W (half-power)
0.1%
PVDD = 8 V; PO = 2 W (half-power)
0.24%
Vn
Output integrated noise
A-weighted
50
µV
Crosstalk
PO = 1 W, f = 1kHz
–73
dB
A-weighted, f = 1 kHz, maximum power at
SNR
Signal-to-noise ratio (1)
105
dB
THD < 0.1%
PD
Power dissipation due to idle losses (IPVDD_X)
PO = 0 W, 4 channels switching
(2)
0.6
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
PVDD_X = 18 V, SE mode, RL = 4 Ω, ROC = 22 kΩ, CBST = 33-nF, audio frequency = 1 kHz, AES17 filter, FPWM = 384 kHz,
ambient temperature = 25°C (unless otherwise noted). All performance is in accordance with recommended operating
conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 18 V, 10% THD
10
PVDD = 18 V, 7% THD
9
PO
Power output per channel
W
PVDD = 12 V, 10% THD
4.5
PVDD = 12 V, 7% THD
4
PVDD = 18V, Po =5 W (half-power)
0.2
THD+
Total harmonic distortion + noise
%
N
PVDD = 12V, Po =2.25 W (half-power)
0.2
Vn
Output integrated noise
A-weighted
50
µV
SNR
Signal-to-noise ratio(1)
A-weighted
105
dB
DNR
Dynamic range
A-weighted, input level = –60 dBFS using TAS5086 modulator
105
dB
Power dissipation due to idle
PD
PO = 0 W, 4 channels switching
(2)
0.6
W
losses (IPVDD_X)
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com