Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5705PAPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS5705PAPR Datasheet HTML 16Page - Texas Instruments TAS5705PAPR Datasheet HTML 17Page - Texas Instruments TAS5705PAPR Datasheet HTML 18Page - Texas Instruments TAS5705PAPR Datasheet HTML 19Page - Texas Instruments TAS5705PAPR Datasheet HTML 20Page - Texas Instruments TAS5705PAPR Datasheet HTML 21Page - Texas Instruments TAS5705PAPR Datasheet HTML 22Page - Texas Instruments TAS5705PAPR Datasheet HTML 23Page - Texas Instruments TAS5705PAPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
TYPICAL CHARACTERISTICS, SE CONFIGURATION
f − Frequency − Hz
20
VCC = 12 V
RL = 4 Ω (SE)
Gain = 3 dB
100
1k
10k
0.001
10
20k
0.1
G011
1
0.01
PO = 2.5 W
PO = 1 W
PO = 0.5 W
f − Frequency − Hz
20
VCC = 18 V
RL = 4 Ω (SE)
Gain = 3 dB
100
1k
10k
0.001
10
20k
0.1
G012
1
0.01
PO = 2.5 W
PO = 5 W
PO = 0.5 W
VCC − Supply Voltage − V
0
3
6
9
12
15
18
5
10
15
20
25
G014
THD+N = 1%
THD+N = 10%
f = 1 kHz
RL = 4 Ω (SE)
Gain = 3 dB
PO − Output Power − W
0.01
f = 1 kHz
RL = 4 Ω (SE)
Gain = 3 dB
0.1
1
10
0.001
0.01
10
40
0.1
G013
1
VCC = 12 V
VCC = 18 V
DETAILED DESCRIPTION
POWER SUPPLY
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 25.
Figure 26.
To facilitate system design, the TAS5705 needs only a 3.3-V digital supply in addition to the (typical) 18-V
power-stage supply. An internal voltage regulator provides suitable voltage levels for the gate drive circuitry.
Additionally, all circuitry requiring a floating voltage supply, e.g., the high-side gate drive, is accommodated by
built-in bootstrap circuitry requiring only a few external capacitors.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com