Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5705PAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAPR Datasheet(HTML) 5 Page - Texas Instruments

  TAS5705PAPR Datasheet HTML 1Page - Texas Instruments TAS5705PAPR Datasheet HTML 2Page - Texas Instruments TAS5705PAPR Datasheet HTML 3Page - Texas Instruments TAS5705PAPR Datasheet HTML 4Page - Texas Instruments TAS5705PAPR Datasheet HTML 5Page - Texas Instruments TAS5705PAPR Datasheet HTML 6Page - Texas Instruments TAS5705PAPR Datasheet HTML 7Page - Texas Instruments TAS5705PAPR Datasheet HTML 8Page - Texas Instruments TAS5705PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
64-PIN, HTQFP PACKAGE (TOP VIEW)
AVDD
AVSS
BKND_ERR
VALID
DVDD
DVDD
MCLK
RESET
PLL_FLTM
PLL_FLTP
VR_ANA
TEST1
HPL_PWM
HPR_PWM
SUB_PWM–
SUB_PWM+
GND
GND
SSTIMER
GVDD_AB
GVDD_CD
PVDD_A
PVDD_A
PVDD_D
PVDD_D
VREG
OC_ADJ
FAULT
OUT_A
OUT_D
BST_A
BST_D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P0071-01
PAP Package
(TopView)
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
TERMINAL FUNCTIONS
TERMINAL
5-V
TERMINATION
TYPE(1)
DESCRIPTION
TOLERANT
(2)
NAME
NO.
AVDD
10
P
3.3-V analog power supply. Needs close decoupling capacitor.
AVSS
11
P
Analog 3.3-V supply ground
BKND_ERR
35
DI
Pullup
Active-low. A back-end error sequence is generated by applying logic
LOW to this terminal. This pin is connected to an external power
stage. If no external power stage is used, connect this pin directly to
DVDD.
BST_A
4
P
High-side bootstrap supply for half-bridge A
BST_B
57
P
High-side bootstrap supply for half-bridge B
BST_C
56
P
High-side bootstrap supply for half-bridge C
BST_D
45
P
High-side bootstrap supply for half-bridge D
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are 20-
µA weak pullups and all pulldowns are 20-µA weak pulldowns. The pullups and pulldowns are included to assure
proper input logic levels if the terminals are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input). Devices that drive
inputs with pullups must be able to sink 50
µA while maintaining a logic-0 drive level. Devices that drive inputs with pulldowns must be
able to source 50
µA while maintaining a logic-1 drive level.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com