Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7264BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7264BCPZ Datasheet HTML 1Page - Analog Devices AD7264BCPZ Datasheet HTML 2Page - Analog Devices AD7264BCPZ Datasheet HTML 3Page - Analog Devices AD7264BCPZ Datasheet HTML 4Page - Analog Devices AD7264BCPZ Datasheet HTML 5Page - Analog Devices AD7264BCPZ Datasheet HTML 6Page - Analog Devices AD7264BCPZ Datasheet HTML 7Page - Analog Devices AD7264BCPZ Datasheet HTML 8Page - Analog Devices AD7264BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 MSPS, 14-Bit, Simultaneous Sampling
SAR ADC with PGA and Four Comparators
AD7264
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Dual, simultaneous sampling, 14-bit, 2-channel ADC
True differential analog inputs
Programmable gain stage: ×1, ×2, ×3, ×4, ×6, ×8, ×12, ×16,
×24, ×32, ×48, ×64, ×96, ×128
Throughput rate per ADC
1 MSPS for AD7264
500 kSPS for AD7264-5
Analog input impedance: >1 GΩ
Wide input bandwidth
−3 dB bandwidth: 1.7 MHz at gain = 2
4 on-chip comparators
SNR: 78 dB typical at gain = 2, 71 dB typical at gain = 32
Device offset calibration
System gain calibration
On-chip reference: 2.5 V
−40°C to +105°C operation
High speed serial interface
Compatible with SPI, QSPI™, MICROWIRE™, and DSP
48-lead LFCSP and LQFP packages
GENERAL DESCRIPTION
The AD7264 is a dual, 14-bit, high speed, low power, successive
approximation ADC that operates from a single 5 V power supply
and features throughput rates of up to 1 MSPS per on-chip
ADC (500 kSPS for the AD7264-5). Two complete ADC func-
tions allow simultaneous sampling and conversion of two
channels. Each ADC is preceded by a true differential analog
input with a PGA. There are 14 gain settings available: ×1, ×2,
×3, ×4, ×6, ×8, ×12, ×16, ×24, ×32, ×48, ×64, ×96, and ×128.
The AD7264 contains four comparators. Comparator A and
Comparator B are optimized for low power, whereas Comparator C
and Comparator D have fast propagation delays. The AD7264
features a calibration function to remove any device offset error
and programmable gain adjust registers to allow for input path
(for example, sensor) offset and gain compensation. The AD7264
has an on-chip 2.5 V reference that can be disabled if an external
reference is preferred. The AD7264 is available in 48-lead LFCSP
and LQFP packages.
The AD7264 is ideally suited for monitoring small amplitude
signals from a variety of sensors. The parts include all the
functionality needed for monitoring the position feedback signals
from a variety of analog encoders used in motor control systems.
FUNCTIONAL BLOCK DIAGRAM
AGND
DGND
DOUTB
PD1
PD0/DIN
PD2
VREFA
AVCC
VA+
VA–
VB+
VB–
CB+
CB–
CA+
CA–
CD+
CD–
CC+
CC–
VREFB
CA_CBVCC
CA_CB_GND
CC_CDVCC
CC_CD_GND
COMP
COMP
COMP
COMP
COUTC
COUTB
COUTA
COUTD
DOUTA
PGA
T/H
BUF
T/H
BUF
PGA
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
REF
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
OUTPUT
DRIVERS
OUTPUT
DRIVERS
OUTPUT
DRIVERS
OUTPUT
DRIVERS
VDRIVE
G3
G2
G1
G0
CAL
CS
SCLK
REFSEL
AD7264
OUTPUT
DRIVERS
OUTPUT
DRIVERS
Figure 1.
PRODUCT HIGHLIGHTS
1.
Integrated PGA with a variety of flexible gain settings to
allow detection and conversion of low level analog signals.
2.
Each PGA is followed by a dual simultaneous sampling
ADC, featuring throughput rates of 1 MSPS per ADC
(500 kSPS for the AD7264-5). The conversion result of
both ADCs is simultaneously available on separate data
lines or in succession on one data line if only one serial
port is available.
3.
Four integrated comparators that can be used to count
signals from pole sensors in motor control applications.
4.
Internal 2.5 V reference.


Similar Part No. - AD7264BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7264BCPZ AD-AD7264BCPZ Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7264BCPZ-5 AD-AD7264BCPZ-5 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7264BCPZ-5-RL7 AD-AD7264BCPZ-5-RL7 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7264BCPZ-RL7 AD-AD7264BCPZ-RL7 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
More results

Similar Description - AD7264BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7262 AD-AD7262 Datasheet
920Kb / 32P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
197Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
211Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com