Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7264BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7264BCPZ Datasheet HTML 12Page - Analog Devices AD7264BCPZ Datasheet HTML 13Page - Analog Devices AD7264BCPZ Datasheet HTML 14Page - Analog Devices AD7264BCPZ Datasheet HTML 15Page - Analog Devices AD7264BCPZ Datasheet HTML 16Page - Analog Devices AD7264BCPZ Datasheet HTML 17Page - Analog Devices AD7264BCPZ Datasheet HTML 18Page - Analog Devices AD7264BCPZ Datasheet HTML 19Page - Analog Devices AD7264BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7264
Rev. A | Page 16 of 32
C1
VIN–
VDD
C1
VIN+
VOUT–
VOUT+
VDD
AMP
AMP
Figure 24. Analog Input Structure
The AD7264 can accept differential analog inputs from
⎟
⎠
⎞
⎜
⎝
⎛
×
−
Gain
2
V
V
REF
CM
to
⎟
⎠
⎞
⎜
⎝
⎛
×
+
Gain
2
V
V
REF
CM
.
Table 5 details the analog input range for the AD7264 for the
various PGA gain settings. VREF = 2.5 V and VCM = 2.5 V
(AVCC/2, with AVCC = 5 V).
Table 5. Analog Input Range for Various PGA Gain Settings
PGA Gain Setting
Analog Input Range for VIN+ and VIN−
1
0.75 V to 3.25 V1
2
1.875 V to 3.125 V
3
2.083 V to 2.916 V
4
2.187 V to 2.813 V
6
2.292 V to 2.708 V
8
2.344 V to 2.656 V
12
2.396 V to 2.604 V
16
2.422 V to 2.578 V
24
2.448 V to 2.552 V
32
2.461 V to 2.539 V
48
2.474 V to 2.526 V
64
2.480 V to 2.520 V
96
2.487 V to 2.513 V
128
2.490 V to 2.510 V
1 For VCM = 2 V. If VCM = AVCC/2, the analog input range for VIN+ and VIN− is 1.6 V
to 3.4 V.
When a full-scale step input is applied to either differential
input on the AD7264 while the other analog input is held at a
constant voltage, 3 μs of settling time is typically required prior
to capturing a stable digital output code.
Transfer Function
The AD7264 output is twos complement; the ideal transfer
function is shown in Figure 25. The designed code transitions
occur at successive integer LSB values (that is, 1 LSB, 2 LSB, and
so on). The LSB size is dependent on the analog input range
selected.
The LSB size for the AD7264 is
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
×
−
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
×
+
×
384
,
16
2
2
2
Gain
V
V
Gain
V
V
REF
CM
REF
CM
100...000
011...111
0V
100...001
100...010
011...110
000...001
111...111
000...000
ANALOG INPUT
NOTES
1. FULL-SCALE RANGE (FSR) = VIN+ – VIN–.
(VCM + (FSR/2)) – 1LSB
(VCM – (FSR/2)) + 1LSB
Figure 25. Twos Complement Transfer Function
VDRIVE
The AD7264 has a VDRIVE feature to control the voltage at which
the serial interface operates. VDRIVE allows the ADC and the
comparators to easily interface to both 3 V and 5 V processors.
For example, when the AD7264 is operated with AVCC = 5 V, the
VDRIVE pin can be powered from a 3 V supply, allowing a large
analog input range with low voltage digital processors.
REFERENCE
The AD7264 can operate with either the internal 2.5 V on-chip
reference or an externally applied reference. The logic state of
the REFSEL pin determines whether the internal reference is
used. The internal reference is selected for both ADCs when the
REFSEL pin is tied to logic high. If the REFSEL pin is tied to
AGND, an external reference can be supplied through the VREFA
and/or VREFB pins. On power-up, the REFSEL pin must be tied to
either a low or high logic state for the part to operate. Suitable
reference sources for the AD7264 include the AD780, AD1582,
ADR431, REF193, and ADR391.
The internal reference circuitry consists of a 2.5 V band gap refer-
ence and a reference buffer. When operating the AD7264 in
internal reference mode, the 2.5 V internal reference is available at
the VREFA and VREFB pins, which should be decoupled to AGND
using a 1 μF capacitor. It is recommended that the internal refer-
ence be buffered before applying it elsewhere in the system. The
internal reference is capable of sourcing up to 90 μA of current
when the converter is static. If internal reference operation is
required for the ADC conversion, the REFSEL pin must be tied
to logic high on power-up. The reference buffer requires 240 μs
to power up and charge the 1 μF decoupling capacitor during
the power-up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com