Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7264BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7264BCPZ Datasheet HTML 5Page - Analog Devices AD7264BCPZ Datasheet HTML 6Page - Analog Devices AD7264BCPZ Datasheet HTML 7Page - Analog Devices AD7264BCPZ Datasheet HTML 8Page - Analog Devices AD7264BCPZ Datasheet HTML 9Page - Analog Devices AD7264BCPZ Datasheet HTML 10Page - Analog Devices AD7264BCPZ Datasheet HTML 11Page - Analog Devices AD7264BCPZ Datasheet HTML 12Page - Analog Devices AD7264BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD7264
Rev. A | Page 9 of 32
Pin No.
Mnemonic
Description
48, 47, 46, 45
CA+, CA−,
CB+, CB−
Comparator Inputs. These pins are the inverting and noninverting analog inputs for Comparator A
and Comparator B. These two comparators have very low power consumption.
13, 14, 15, 16
CC+, CC−,
CD+, CD−
Comparator Inputs. These pins are the inverting and noninverting analog inputs for Comparator C
and Comparator D. These two comparators offer very fast propagation delays.
5, 6, 8, 19, 42
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7264. All analog input
signals and any external reference signal should be referred to this AGND voltage. All AGND pins
should be connected to the AGND plane of a system. The AGND, DGND, CA_CB_GND, and
CC_CD_GND voltages should ideally be at the same potential and must not be more than 0.3 V apart,
even on a transient basis. CA_CB_GND and CC_CD_GND can be tied to AGND.
28
DGND
Digital Ground. Ground reference point for all digital circuitry on the AD7264. The DGND pin should
be connected to the DGND plane of a system. The DGND and AGND voltages should ideally be at
the same potential and must not be more than 0.3 V apart, even on a transient basis.
30, 29, 26, 25
COUTA, COUTB,
COUTC, COUTD
Comparator Outputs. These pins provide a CMOS (push-pull) output from each respective
comparator. These are digital output pins with logic levels determined by the VDRIVE supply.
32, 31
DOUTA, DOUTB
Serial Data Outputs. The data output from the AD7264 is supplied to each pin as a serial data stream
in twos complement format. The bits are clocked out on the falling edge of the SCLK input. A total of
33 SCLK cycles are required to perform the conversion and access the 14-bit data. During the
conversion process, the data output pins are in three-state and, when the conversion is completed,
the 19th SCLK edge clocks out the MSB. The data appears simultaneously on both pins from the
simultaneous conversions of both ADCs. The data is provided MSB first. If CS is held low for a further
14 SCLK cycles on either DOUTA or DOUTB following the initial 33 SCLK cycles, the data from the other
ADC follows on the DOUT pin. This allows data from a simultaneous conversion on both ADCs to be
gathered in serial format on either DOUTA or DOUTB using only one serial port.
40, 39, 38, 37
G0, G1, G2, G3
Logic Inputs. These pins are used to program the gain setting of the front-end amplifiers. If all four
pins are tied low, the PD0/DIN pin acts as a data input pin, DIN, and all programming is made via the
control register. See Table 6.
27
VDRIVE
Logic Power Supply Input, 2.7 V to 5.25 V. The voltage supplied at this pin determines at what
voltage the interface operates, including the comparator outputs. This pin should be decoupled
to DGND.
44, 17
CA_CB_GND,
CC_CD_GND
Comparator Ground. Ground reference point for all comparator circuitry on the AD7264. Both the
CA_CB_GND and CC_CD_GND pins should connect to the GND plane of a system and can be tied to
AGND. The DGND, AGND, CA_CB_GND, and CC_CD_GND voltages should ideally be at the same
potential and must not be more than 0.3 V apart, even on a transient basis.
24
REFSEL
Internal/External Reference Selection. Logic input. If this pin is tied to a logic high voltage, the
on-chip 2.5 V reference is used as the reference source for both ADC A and ADC B. If the REFSEL
pin is tied to GND, an external reference can be supplied to the AD7264 through the VREFA and/or
VREFB pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com