Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7264BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7264BCPZ Datasheet HTML 15Page - Analog Devices AD7264BCPZ Datasheet HTML 16Page - Analog Devices AD7264BCPZ Datasheet HTML 17Page - Analog Devices AD7264BCPZ Datasheet HTML 18Page - Analog Devices AD7264BCPZ Datasheet HTML 19Page - Analog Devices AD7264BCPZ Datasheet HTML 20Page - Analog Devices AD7264BCPZ Datasheet HTML 21Page - Analog Devices AD7264BCPZ Datasheet HTML 22Page - Analog Devices AD7264BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD7264
Rev. A | Page 19 of 32
RS
RF
Cx–
Cx+
RS
SENSOR
COUTx
Figure 28. Recommended Comparator Connection Diagram
APPLICATION DETAILS
The AD7264 has been specifically designed to meet the require-
ments of any motor control shaft position feedback loop. The
device can interface directly to multiple sensor types, including
optical encoders, magnetoresistive sensors, and Hall effect sensors.
Its flexible analog inputs, which incorporate programmable
gain, ensure that identical board design can be utilized for a
variety of sensors, which results in reduced design cycles and
costs.
The two simultaneous sampling ADCs are used to sample the
sine and cosine outputs from the sensor. No external buffering
is required between the sensor/transducer and the analog inputs
of the AD7264. The on-chip comparators can be used to
monitor the pole sensors, which can be Hall effect sensors or
the inner tracks from an optical encoder.
Figure 29 shows how the AD7264 can be used in a typical
application. An optical encoder is shown in Figure 29, but other
sensor types could as easily be used. Figure 29 indicates a
typical application configuration only; there are several other
configurations that render equally effective results.
VA+
VA–
VB+
VB–
VREFB
Z
B
A
U
V
W
COMP
COMP
H.E.
CB+
CB–
CA+
CA–
CD+
CD–
CC+
CC–
CA_CBVCC
CA_CB_GND
CC_CDVCC
CC_CD_GND
AGND
DGND
DOUTB
PD1
PD0/DIN
PD2
VREFA
AVCC
COMP
COMP
COMP
COMP
COUTC
COUTB
COUTA
COUTD
DOUTA
PGA
T/H
BUF
T/H
BUF
PGA
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
REF
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
OUTPUT
DRIVERS
OUTPUT
DRIVERS
OUTPUT
DRIVERS
OUTPUT
DRIVERS
VDRIVE
G3
G2
G1
G0
CAL
CS
SCLK
REFSEL
AD7264
OUTPUT
DRIVERS
OUTPUT
DRIVERS
Figure 29. Typical System Connection Diagram with Optical Encoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com