Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD8260
Rev. 0 | Page 11 of 32
TIME (ns)
CLOAD =5pF
CLOAD = 10pF
CLOAD = 47pF
80
70
60
–20
10
–30
0
30
–10
20
50
40
RLOAD =50Ω
NONINVERTING
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 21. Large-Signal Pulse Response of the High Current Driver for Various
Values of Load Capacitance, CLOAD, and 50 Ω Load—See Figure 56
27
24
21
18
15
12
9
6
3
0
–3
–6
–9
GAIN SELECT CODE
1011
1010
1001
1000
0111
0110
0101
0001
0100
0011
0010
AVERAGE OF 3 SAMPLES
f = 1MHz, 10MHz, AND 40MHz
Figure 22. Gain vs. Gain Select Code for Three Samples for the
VGA/Preamplifier at Three Frequencies—See Figure 57
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
AVERAGE OF 3 SAMPLES
f = 1MHz, 10MHz, AND 40MHz
GAIN SELECT CODE
1011
1010
1001
1000
0111
0110
0101
0100
0011
0010
Figure 23. Gain Step vs. Gain Select Code for Three Samples for the
VGA/Preamplifier at Three Frequencies—See Figure 57
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011
GAIN SELECT CODE
AVERAGE OF 3 SAMPLES
f = 1MHz, 10MHz, AND 40MHz
Figure 24. Absolute Gain Error vs. Gain Select Code for Three Samples for the
VGA/Preamplifier at Three Frequencies Normalized to 1 MHz and Code 0110
See Figure 57
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011
GAIN SELECT CODE
AVERAGE OF 3 SAMPLES AT
EACH TEMPERATURE
T = +105°C
T = +25°C
T = –40°C
Figure 25. Gain Error vs. Gain Select Code at Three Temperatures for the
VGA/Preamplifier—See Figure 57
0
–40
–30
–20
50
20
30
40
–50
GAIN SELECT CODE
1010
1001
1000
0111
0110
0101
0001
0100
0011
0010
AVERAGE OF 3 SAMPLES AT
EACH TEMPERATURE
1011
10
–10
T = +105°C
T = +25°C
T = –40°C
Figure 26. Output Offset Voltage vs. Gain Select Code at Three Temperatures
for the VGA/Preamplifier—See Figure 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com