Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD8260
Rev. 0 | Page 14 of 32
0
–100
FREQUENCY (Hz)
100M
10M
1M
–40
–20
–60
–80
–120
HD2
HD3
GAIN CODE = 1011
VOUT = 1V p-p
Figure 39. Harmonic Distortion (HD2, HD3) vs. Frequency for the
VGA/Preamplifier—See Figure 62
0
–100
FREQUENCY (Hz)
100M
10M
1M
–40
–20
–60
–80
–120
LOWER
UPPER
VOUT = 1V p-p
TONES 1MHz APART
EACH TONE 0.5V p-p
GAIN CODE = 1011
Figure 40. Third-Order Intermodulation Distortion (IMD3) vs. Frequency for
the VGA/Preamplifier
60
10
FREQUENCY (Hz)
100M
10M
1M
40
50
30
20
0
LOWER
UPPER
GAIN CODE = 1011
TONES 1MHz APART
Figure 41. OIP3 vs. Frequency for the VGA/Preamplifier
10
5
0
–5
–10
–15
–20
–25
–30
GAIN SELECT CODE
1010
1001
1000
0111
0110
0101
0001
0100
0011
0010
1011
1MHz
10MHz
IP1dB LIMITED AT LOW GAIN BY THE
DYNAMIC RANGE OF THE PREAMPLIFIER
Figure 42. Input 1 dB Compression (IP1dB) vs. Gain Select Code at 1 MHz and
10 MHz for the VGA/Preamplifier
CH1 2.00VΩ
M10.0ns
A CH4
180µV
1
M
T
27.2000ns
T
MATH
5.00mV
10.0ns
INPUT
OUTPUT
50mV/DIV
0V
2mV/DIV
0V
Figure 43. Small-Signal Pulse Response for the VGA/Preamplifier
CH3 20.0mVΩ
M10.0ns
A CH4
200µV
3
M
T
27.2000ns
T
MATH
50.0mV
10.0ns
INPUT
OUTPUT
500mV/DIV
0V
20mV/DIV
0V
Figure 44. Large-Signal Pulse Response for the VGA/Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com