Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD8260
Rev. 0 | Page 25 of 32
APPLICATIONS INFORMATION
The AD8260 is ideally suited for compact applications requiring
high frequency and large current drive of complex modulation
products. Because the driver is capable of providing up to 300 mA
(using a 3.3 V supply rail) to very low impedance loads, undefined
network impedances are of little consequence. Such applications
can include, but are not limited to, local power line wiring
found in homes or in automobiles, or low impedance complex
filters used in communications. Pulse response performance
with loading effects are illustrated by various curves in the
Typical Performance Characteristics section.
Figure 65 is an application block diagram showing AD8260
devices configured as transceivers in a small local network.
In this figure, consider a small security system consisting of a
master controller and four satellite cameras. For example, the
master can be a processor-controlled switch that routes data to
and from local satellite cameras. The cameras video signals are
modulated for transmission over an existing power system such
as the wiring found in homes or small businesses. Using the
existing power network in this way eliminates the need to install
additional cabling, thereby saving cost. Portability is also
achieved because the system can be moved to other locations
should the need arise, simply by unplugging a satellite and
moving it elsewhere. The AD8260 transceivers perform the
same function at the master and slave locations; a high frequency
current-output DAC converts digital-to-analog data for the
high current driver for transmission over a low impedance load.
The input of the VGA/preamplifier connects to the same load,
functioning as the receiver. In such a system, multiple AD8260
devices are connected to form a network, much like a LAN,
except using the power-line wiring in a home or automobile in
lieu of a CAT-5 cable, for example.
LOCAL POWER WIRING
COUPLING
DAC
ADC
MICROPROCESSOR +
MODULATOR
MICROPROCESSOR +
MODULATOR
MICROPROCESSOR +
MODULATOR
CONTROLLER
SATELLITE
CAMERAS
COUPLING
DAC
ADC
CAMERA
AD8260
AD8260
AD8260
COUPLING
DAC
ADC
CAMERA
Figure 65. AD8260 Transceiver Application
Figure 66 shows the AD8260 as a low distortion, high power
driver. The VGA and high current driver are combined by
simply connecting the differential output of the VGA directly to
the input of the driver.
AD8260
DAC
COMPLEX LOW
Z FILTER ≥10Ω
VGA/
PREAMPLIFIER
HIGH CURRENT
DRIVER
Figure 66. AD8260 Used as a VGA Driving a Low Impedance Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com