Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD8260
Rev. 0 | Page 16 of 32
TEST CIRCUITS
INRP
+
NETWORK ANALYZER
VOCM
453Ω
INRN
50Ω IN
OUT
0.1µF
5pF
0.1µF
50Ω
AD8260—HIGH CURRENT DRIVER
TXFB
TXOP
VMDO
50Ω
0.1µF
Figure 51. Test Circuit for Frequency Response of the High Current Driver
IN
50Ω
INRP
+
VOCM
INRN
0.1µF
0.1µF
0.1µF
TXFB
TXOP
+
VMDO
SPECTRUM
ANALYZER
AD8260—HIGH CURRENT DRIVER
Figure 52. Test Circuit for Input-Referred and Output-Referred Noise of the High Current Driver
NETWORK ANALYZER
WITH S-PARAMETER MODE
IN
50Ω
INRP
VOCM
INRN
0.1µF
0.1µF
TXFB
TXOP
+3.3V
–3.3V
+
AD8260—HIGH
CURRENT DRIVER
Figure 53. Test Circuit for Output Impedance of the High Current Driver
SIGNAL
GENERATOR
50Ω
LP
FILTER
IN
50Ω
INRP
VOCM
INRN
0.1µF
0.1µF
0.1µF
TXFB
TXOP
VMDO
SPECTRUM
ANALYZER
50Ω
50Ω
RLOAD
CLOAD
1:1
AD8260—HIGH CURRENT DRIVER
+
Figure 54. Test Circuit for Harmonic Distortion of the High Current Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com