Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130AUJZ-1.5-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP130AUJZ-1.5-R7
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130AUJZ-1.5-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP130AUJZ-1.5-R7 Datasheet HTML 1Page - Analog Devices ADP130AUJZ-1.5-R7 Datasheet HTML 2Page - Analog Devices ADP130AUJZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP130AUJZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP130AUJZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP130AUJZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP130AUJZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP130AUJZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP130AUJZ-1.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
350 mA, Low VIN, Low Quiescent Current,
CMOS Linear Regulator
ADP130
Rev.
0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©
2008 Analog Devices, Inc. All rights reserved.
FEATURES
350 mA maximum output current
Input voltage supply range
VBIAS = 2.3 V to 5.5 V
VIN = 1.2 V to 3.6 V
2.3 V < VIN < 3.6 V, VIN can be tied to VBIAS
Very low dropout voltage: 17 mV @ 100 mA load
Low quiescent current: 25 μA @ no load
Low shutdown current: <1 μA
±1% accuracy @ 25°C
Excellent PSRR performance: 70 dB @ 10 kHz
Excellent load/line transient response
Optimized for small 1 μF ceramic capacitors
Current limit and thermal overload protection
Logic controlled enable
5-lead TSOT package
APPLICATIONS
Mobile phones
Digital camera and audio devices
Portable and battery-powered equipment
Post dc-to-dc regulation
TYPICAL APPLICATION CIRCUITS
ADP130
1
VIN
2
GND
3
EN
5
VOUT
4
VBIAS
+
VIN = 1.8V
VOUT = 1.2V
1µF
+
1µF
VBIAS = 3.6V
+
1µF
Figure 1.
ADP130
1
VIN
2
GND
3
EN
5
VOUT
4
VBIAS
+
VIN = 2.8V
VOUT = 1.8V
1µF
+
1µF
VBIAS = 5V
+
1µF
Figure 2.
GENERAL DESCRIPTION
The ADP130 is a low quiescent current, low dropout linear regu-
lator. It is designed to operate in dual-supply mode with an input
voltage as low as 1.2 V to increase efficiency and provide up to
350 mA of output current. The low 17 mV dropout voltage at
a 100 mA load improves efficiency and allows operation over
a wider input voltage range.
A dual-supply power solution typically improves conversion
efficiency over a single-supply solution because the higher VBIAS
supply powers the part, and the lower VIN supply delivers current
to the load. The power dissipated in the device is thereby reduced.
The ADP130 is optimized for stable operation with small 1 μF
ceramic output capacitors. The ADP130 delivers good transient
performance with minimal board area.
The ADP130 is available in the following 31 fixed output voltage
options:
•
0.80 V to 2.00 V in 50 mV steps
•
1.875 V, 2.25 V, 2.50 V, 2.775 V, 2.80 V, and 3.0 V
The ADP130 has a typical internal soft start time of 200 μs. Short-
circuit protection and thermal overload protection circuits
prevent damage in adverse conditions. The ADP130 is available
in a tiny 5-lead TSOT package for the smallest footprint solution to
meet a variety of portable power applications.


Similar Part No. - ADP130AUJZ-1.5-R7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP130-0.8-EVALZ APEX-ADP130-0.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP130-1.8-EVALZ APEX-ADP130-1.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - ADP130AUJZ-1.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP170 AD-ADP170 Datasheet
538Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
250 mA Low Quiescent Current LDO Linear Regulator
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com