Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MAC7101 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 710 page
background image
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Features
Freescale Semiconductor
4
2Features
As shown in Figure 1, MAC7100 family devices are organized into two major blocks:
•
Standard Product Platform (SPP) — The SPP consists of the ARM7TDMI-S processor core and
an enhanced direct memory access controller connected to a high-performance 32-bit bus through
a cross-bar bus switch to the rest of the chip modules. The SPP also contains an interrupt
controller, SRAM controller, Flash memory controller, external bus interface, peripheral bus
bridge, and miscellaneous control module.
•
Intelligent Peripheral Subsystem (IPS) — The IPS consists of the voltage regulator, oscillator,
clock and reset generator, port integration module, DMA request multiplexer, analog to digital
converter(s), enhanced modular I/O subsystem, enhanced serial communications controllers,
serial peripheral interfaces, FlexCAN controllers, an inter-integrated circuit (I2C) bus controller,
programmable interrupt timer, and system services module.
The primary features of MAC7100 integrated processors include the following:
•
General MAC7100 family features
— Up to 50 MHz operating frequency
— RISC core, eDMA, and memory connected via high performance 32-bit bus
— Separate 32-bit bus interface for slower system peripherals
— External bus interface available to support off-chip devices (on selected devices only)
•
32-bit ARM7TDMI-S RISC core
— Supports 32-bit and 16-bit (THUMB) instruction sets for code size efficiency
— 32 bit wide data path
— Alternate general-purpose registers
— Byte (8-bit), halfword (16-bit), and word (32-bit) data types supported
•
Enhanced Direct Memory Access (eDMA) and Channel Multiplexer (DMA MUX)
— Supports transfers between system memories, external devices, peripheral modules (ATD,
DSPI, eMIOS, eSCI, and I2C), and general-purpose I/O using a dual-address transfer protocol
— DMA MUX allows assignment of any DMA request source to any available eDMA channel
— Programmable transfer control descriptors stored in local eDMA memory
— Programmable source and destination address with configurable offset
— Programmable transfer size and nesting via 32-bit major and 16-bit minor loop counters
— Different final source and destination addresses allow circular queue operation
— Programmable priority levels for each channel
— Bandwidth control for each channel
— Independently programmable read/write sizes
— Periodic triggering of up to 8 channels
•
Memory options
— Up to 1 Mbyte program Flash EEPROM
– 50 MHz single-cycle non-sequential access for aligned halfword and aligned word data
– State machine controlled program/erase operations
– Internal programming voltage generator
– Small Flash sector protection sizes
– Configurable flexible Flash protection fields



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com