Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 710 page
background image
Functional Overview
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Freescale Semiconductor
11
4.6
Port Integration Module (PIM)
The Port Integration Module (PIM) provides the interface between the physical pins and either the general
purpose I/O signals or the various peripherals which provide alternate signal functions. MAC7100 devices
implement up to 9 ports, each of which is up to 16-bits wide (all pins are not available in some packages).
Each pin can be independently configured to be either in port mode or peripheral mode. When peripheral
mode is selected, the pin’s output and configuration are both controlled by the peripheral module. Each pin
is also capable of being used as an interrupt source with a filter available to help eliminate instances of
noise-generated false interrupts. For some devices, GPIO Port H is available rather than Port C; the PIM
enables swapping of Port H and Port C in the address map to assist transparent porting of code between
various devices. Following a reset into any mode other than normal or secured expanded mode, all pins are
configured as general purpose inputs. Following a reset into normal or secured expanded mode, some pins
are controlled by the External Interface Module (EIM) and are not available for general purpose functions.
In order to improve software performance, all pins can be controlled either in a port-wise or bit-wise
manner in general purpose I/O mode. Registers are provided which allow each pin to be independently
controlled by writing to a separate register. Mirror registers are also available to simplify read and write
operations by accessing all pins in a port at one time.
4.7
Analog-to-Digital Converters (ATD)
The Analog-to-Digital Converter (ATD) Module is a 16-channel, multiplexed input, successive
approximation analog-to-digital converter with a programmable resolution of 8 or 10 bits. MAC7100
devices implement one or two Analog to Digital (ATD) Converter modules; refer to Table 1 for the ATD
configuration of a specific device.
The ATD modules may be serviced by the eDMA in order to improve overall system performance. Two
DMA request channels may be used by each of the ATDs (on devices with two ATDs): one channel per
ATD to move conversion command words to the ATD command registers, and one channel per ATD to
move conversion results out of the ATD result registers.The conversion command word is used to define
parameters such as the mode of conversion, the channel to be converted and the length of the conversion.
By defining a number of conversion words in the MCUs system memory, it is possible to build a
predefined sequence of conversions which will be executed without the intervention of the CPU. It is also
possible for the CPU to write the conversion command word and to read the conversion results directly
without the need to use the eDMA.
MAC7100 ATD modules include the ability to trigger a conversion sequence based on either an external
signal or by one of two internal signals, SYSTRG0 or SYSTRG1. In order to use an external trigger source
to initiate a conversion, any one of the analog channels can be used as an off-chip trigger. The internal
trigger signal lines are connected to the Programmable Interrupt Timer (PIT), which provides two
dedicated programmable 24-bit timers to trigger the ATD. The counter associated with the SYSTRGn
signals can be programmed with the desired conversion trigger periods. This counter will count down from
the preloaded value to zero at the rate defined by the system clock frequency. When the counter reaches
zero the trigger signal is asserted to the ATD, then it is reloaded and the count down continues. For those
devices that implement two ATD modules, when it is necessary to perform synchronous conversion by
both, ATD_A and ATD_B can use the same external source, with one channel from each module assigned
as the input for this trigger. Alternatively, both modules can use the same internal system trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com