Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MAC7101 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 710 page
background image
© Freescale Semiconductor, Inc., 2004. All rights reserved.
• Preliminary
Freescale Semiconductor
Product Brief
MAC7100PB
Rev. 2, 09/2004
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
Table of Contents
MAC7100 microcontrollers (MCUs) are members of a
pin-compatible family of 32-bit Flash-memory-based
devices developed specifically for embedded automotive
applications. The pin-compatible family concept enables
users to select between different memory and peripheral
options for scalable designs. All MAC7100 devices are
composed of an ARM7TDMI-S™ 32-bit central
processing unit, up to 1 Mbyte of high performance
embedded Flash memory for program storage, an
optional 32 Kbytes of embedded Flash for data and/or
program storage, and up to 48 Kbytes of RAM.
As shown in Table 1 and Figure 1, the MAC7100 family
is implemented with a variety of on-chip peripherals. An
enhanced DMA (eDMA) controller executes in parallel
with the CPU to improve the performance of data
transfers between memory and many of the peripherals.
DMA transfers may be triggered by various peripheral
events, such as data frame transmission or reception,
elapsed timer periods, and analog-to-data conversion
completions. The peripheral set includes enhanced
asynchronous serial communications interfaces (eSCI)
with Local Interconnect Network (LIN) support
hardware to reduce interrupt overhead, serial peripheral
interfaces (DSPI) with flexible chip selects and fast baud
1
Block Diagram......................................................... 3
2
Features ..................................................................4
3
Modes of Operation ................................................ 8
3.1
Chip Configuration Modes ................................... 8
3.2
Low-Power Modes ............................................... 9
4
Functional Overview ............................................... 9
4.1
32-bit ARM7TDMI-S RISC Core.......................... 9
4.2
Enhanced Direct Memory Access (eDMA) and
Channel Multiplexer (DMA MUX) ...................... 10
4.3
External Interface Module (EIM)........................ 10
4.4
Common Flash Module (CFM) .......................... 10
4.5
Interrupt Controller (INTC)................................. 10
4.6
Port Integration Module (PIM) ........................... 11
4.7
Analog-to-Digital Converters (ATD) ................... 11
4.8
CAN 2.0 Software Compatible (FlexCAN)
Modules............................................................. 12
4.9
Enhanced Modular I/O Subsystem (eMIOS) ..... 12
4.10
Serial Peripheral Interfaces (DSPI) ................... 12
4.11
Enhanced Serial Communications Interfaces
(eSCI) ................................................................13
4.12
Inter-Integrated Circuit (I2C) Bus Module .......... 13
4.13
Periodic Interrupt Timer (PIT) Module ............... 13
4.14
Miscellaneous Control Module (MCM) and
Cross-Bar Switch (XBS) ....................................13
4.15
System Services Module (SSM)........................ 14
4.16
Voltage Regulator Module (VREG).................... 14
4.17
System Clocks (OSC and CRG)...... 14
4.18
Development Support...................... 15
5
Documentation and Ordering.............. 15
MAC7100 Microcontroller Family
Product Brief
32-bit Embedded Controller Division


Similar Part No. - MAC7101

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC7101 MOTOROLA-MAC7101 Datasheet
1Mb / 48P
MAC7100 Microcontroller Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7101 FREESCALE-MAC7101 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
MAC7101 FREESCALE-MAC7101 Datasheet
112Kb / 16P
Microcontroller Family Reference Manual
MAC7101CAF50 FREESCALE-MAC7101CAF50 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
MAC7101CAG50 FREESCALE-MAC7101CAG50 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
More results

Similar Description - MAC7101

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100_04 Datasheet
112Kb / 16P
Microcontroller Family Reference Manual
MAC7200 FREESCALE-MAC7200 Datasheet
6Mb / 976P
MAC7200 Microcontroller Family Reference Manual
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
MPC5602D Microcontroller Reference Manual
K60P100M100SF2RM FREESCALE-K60P100M100SF2RM Datasheet
9Mb / 1809P
K60 Sub-Family Reference Manual
MKL04Z32VFK4 FREESCALE-MKL04Z32VFK4 Datasheet
5Mb / 658P
KL04 Sub-Family Reference Manual
MC9S12XET256MAA FREESCALE-MC9S12XET256MAA Datasheet
8Mb / 1324P
Reference Manual Covers MC9S12XE Family
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
MC9S12C Family MC9S12GC Family Reference Manual
MC9S12XEG128MAA FREESCALE-MC9S12XEG128MAA Datasheet
8Mb / 1324P
Reference Manual Covers MC9S12XE Family
MC9S12XEQ512MAA FREESCALE-MC9S12XEQ512MAA Datasheet
8Mb / 1324P
Reference Manual Covers MC9S12XE Family
S9S12G128F0CLF FREESCALE-S9S12G128F0CLF Datasheet
7Mb / 1158P
MC9S12G Family Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com