Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MAC7101 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 710 page
background image
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Freescale Semiconductor
2
rate switching, inter-integrated circuit (I2C™) bus controllers, FlexCAN interfaces with flexible message
buffering, an enhanced modular I/O subsystem (eMIOS) with sixteen high-performance 16-bit timers, one
or two sixteen-channel 10-bit analog-to-digital converters (ATD), general-purpose timers (Programmable
Interrupt Timer (PIT)) and two special-purpose timers (Real Time Interrupt (RTI) and Software Watchdog
Timer (SWT)). The peripherals share a large number of general purpose input-output (GPIO) pins, all of
which are bidirectional and available with interrupt capability to trigger wake-up from low-power chip
modes.
Internal data paths between the CPU core, eDMA, memory and peripherals are all 32 bits wide, further
improving performance for 32-bit applications. Some devices also offer a 16-bit wide external data bus with
22 address lines, allowing access of up to 4 MBytes of external address space. The inclusion of a programmable
Table 1. MAC7100 Family Device Derivatives
Device
General-Purpose
Input/Output Ports/Pins
AB CD E F G H
I
MAC7101
10 16 12 10 16 16 16 16 – 112 144 LQFP
MAC7111
16 16 16 16 16 16 16 – – 112 144 LQFP
MAC7121
(3)
10 15 1 11 16 16 16 – – 85 112 LQFP
MAC7131
16 16 16 16 16 16 16 16 – 128 208 BGA
MAC7141
4 16 – 10 16 16 10 – – 72 100 LQFP
MAC7112
16 16 16 16 16 16 16 – – 112 144 LQFP
MAC7122
(3)
10 15 1 11 16 16 16 – – 85 112 LQFP
MAC7142
4 16 – 10 16 16 10 – – 72 100 LQFP
MAC7104
10 16 12 10 16 16 16 16
112 144 LQFP
MAC7114
16 16 16 16 16 16 16 – – 112 144 LQFP
MAC7124
(3)
10 15 1 11 16 16 16 – – 85 112 LQFP
MAC7134
16 16 16 16 16 16 16 16 – 128 208 BGA
MAC7144
4 16 – 10 16 16 10 – – 72 100 LQFP
MAC7105
10 16 12 10 16 16 16 16 – 112 144 LQFP
MAC7115
16 16 16 16 16 16 16 – – 112 144 LQFP
MAC7125
(3)
10 15 1 11 16 16 16 – – 85 112 LQFP
MAC7135
(4) (4)
16 16 16 16 16 16 16 16 16 144 208 BGA
MAC7106
10 16 12 10 16 16 16 16 – 112 144 LQFP
MAC7116
16 16 16 16 16 16 16 – – 112 144 LQFP
MAC7126
(3)
10 15 1 11 16 16 16 – – 85 112 LQFP
MAC7136
(4) (4)
16 16 16 16 16 16 16 16 16 144 208 BGA
NOTES:
1. 16 channels, 8/10-bit, per module.
2. Up to four chip selects available per module, unless noted otherwise.
3. Up to three chip selects available.
4. Up to eight chip selects available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com