Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDD15 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDD15
Description  LOW CAPACITANCE DETECTION DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDD15 Datasheet(HTML) 1 Page - STMicroelectronics

  STDD15 Datasheet HTML 1Page - STMicroelectronics STDD15 Datasheet HTML 2Page - STMicroelectronics STDD15 Datasheet HTML 3Page - STMicroelectronics STDD15 Datasheet HTML 4Page - STMicroelectronics STDD15 Datasheet HTML 5Page - STMicroelectronics STDD15 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
STDD15 series
August 2002 - Ed: 3A
LOW CAPACITANCE DETECTION DIODE
®
The STDD15 is a dual diode series for the
detection of a RF signal and the compensation of
the voltage drift with the temperature. The SOT323
package makes the device ideal in application
where the space saving is critical like mobile
phones.
The low junction capacitance will reduce the
disturbance on the RF signal
DESCRIPTION
s
Low diode capacitance
s
Device designed for RF application
s
Low profile package
s
Available in 3 configurations
s
Very low parasitic inductor & resistor
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
15
V
IF
Continuous forward current
10
mA
IFSM
Surge non repetitive forward current
tp = 10ms
2
A
Tstg
Storage temperature range
- 65 + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
10 mA
VRRM
15 V
Tj (max)
150 °C
VF (max)
0.51 V
MAIN PRODUCT CHARACTERISTICS
SOT323-3L
STDD15-xxW
SOT323-6L
STDD15-xxS
1
2
3
1
2
3
1
2
3
4
5
6
Series configuration
STDD15-04W
Parallel configuration
STDD15-07S
Common cathode configuration
STDD15-05W
SCHEMATIC DIAGRAM


Similar Part No. - STDD15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDD15-07P6 STMICROELECTRONICS-STDD15-07P6 Datasheet
24Kb / 3P
LOW CAPACITANCE DETECTION DIODE
Nov-2003
More results

Similar Description - STDD15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDD15-07P6 STMICROELECTRONICS-STDD15-07P6 Datasheet
24Kb / 3P
LOW CAPACITANCE DETECTION DIODE
Nov-2003
logo
Infineon Technologies A...
ESD8V0L INFINEON-ESD8V0L_09 Datasheet
570Kb / 9P
Low Capacitance TVS Diode
2009-07-07
logo
Shanghai Leiditech Elec...
LC12I LEIDITECH-LC12I Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
LC3301CW LEIDITECH-LC3301CW Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
logo
Micro Commercial Compon...
BAP64-04W MCC-BAP64-04W Datasheet
517Kb / 3P
Low diode capacitance
logo
ON Semiconductor
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
Low Capacitance Diode Array
September, 2014 ??Rev. 7
NUP1301ML3T1G ONSEMI-NUP1301ML3T1G Datasheet
122Kb / 4P
Low Capacitance Diode
October, 2016 ??Rev. 7
logo
Shanghai Leiditech Elec...
LC03ILVB LEIDITECH-LC03ILVB Datasheet
816Kb / 6P
LOW CAPACITANCE TVS DIODE
LC2511CCW LEIDITECH-LC2511CCW Datasheet
356Kb / 3P
LOW CAPACITANCE TVS DIODE
ESD3F7VW LEIDITECH-ESD3F7VW Datasheet
645Kb / 4P
LOW CAPACITANCE TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com