Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDD15 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDD15
Description  LOW CAPACITANCE DETECTION DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDD15 Datasheet(HTML) 2 Page - STMicroelectronics

  STDD15 Datasheet HTML 1Page - STMicroelectronics STDD15 Datasheet HTML 2Page - STMicroelectronics STDD15 Datasheet HTML 3Page - STMicroelectronics STDD15 Datasheet HTML 4Page - STMicroelectronics STDD15 Datasheet HTML 5Page - STMicroelectronics STDD15 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STDD15 series
2/7
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR*
Reverse leakage
current
Tj = 25°C
VR = 1V
0.035
µA
Tj = 125°C
6
30
Tj = 25°C
VR = 15V
0.23
µA
Tj = 125°C
10
100
VF*
Forward voltage drop
Tj = 25°C
IF = 1 mA
350
380
mV
Tj = 125°C
230
260
Tj = 25°C
IF = 10 mA
500
570
Tj = 125°C
450
510
* Pulse test: tp
≤ 250µs, Delta ≤ 2%
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-a)*
Junction to ambient
500
°C/W
*: Mounted with minimum recommended pad size, PC board FR4.
THERMAL PARAMETERS
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
C
Diode capacitance
VR = 0 V
F = 1MHz
1.0
pF
RF
Forward resistance
IF = 5 mA
F = 100MHz
15
Ls
Series inductance
1.5
nH
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com