Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDD15 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDD15
Description  LOW CAPACITANCE DETECTION DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDD15 Datasheet(HTML) 3 Page - STMicroelectronics

  STDD15 Datasheet HTML 1Page - STMicroelectronics STDD15 Datasheet HTML 2Page - STMicroelectronics STDD15 Datasheet HTML 3Page - STMicroelectronics STDD15 Datasheet HTML 4Page - STMicroelectronics STDD15 Datasheet HTML 5Page - STMicroelectronics STDD15 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STDD15 series
3/6
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VFM(V)
Tj=125°C
Tj=125°C
Tj=85°C
Tj=85°C
Tj=25°C
Tj=25°C
Tj=-40°C
Tj=-40°C
IFM(mA)
Fig. 1:
Forward voltage drop versus forward
current (typical values).
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0.0
2.5
5.0
7.5
10.0
12.5
15.0
VR(V)
Tj=125°C
Tj=85°C
Tj=25°C
IR(µA)
Fig. 2: Reverse leakage current versus reverse
voltage applied (typical values).
1
10
100
1.0
10.0
100.0
IF(mA)
F=10kHz
Tj=25°C
RF( )
Fig. 3:
Differential forward resistance versus
forward current (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
2.5
5.0
7.5
10.0
12.5
15.0
VR(V)
F=1MHz
Vosc=30mV
RMS
Tj=25°C
C(pF)
Fig. 4:
Junction capacitance versus reverse
voltage applied (typical values).
10.0
100.0
1000.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
tp(s)
Zth(j-a)(°C/W)
Fig. 5: Variation of thermal impedance junction to
ambient versus pulse duration (printed circuit
board, epoxy FR4).
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
S(mm²)
Rth(j-a)
Fig. 6: Thermal resistance junction to ambient
versus copper surface under each lead (printed
circuit board, epoxy FR4)..



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com