Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDD15 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STDD15
Description  LOW CAPACITANCE DETECTION DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDD15 Datasheet(HTML) 5 Page - STMicroelectronics

  STDD15 Datasheet HTML 1Page - STMicroelectronics STDD15 Datasheet HTML 2Page - STMicroelectronics STDD15 Datasheet HTML 3Page - STMicroelectronics STDD15 Datasheet HTML 4Page - STMicroelectronics STDD15 Datasheet HTML 5Page - STMicroelectronics STDD15 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STDD15 series
5/6
PACKAGE MECHANICAL DATA
SOT323-6L
A2
A
A1
E
b
HE
D
e
e
Q1
c
L
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65 Typ.
0.025 Typ.
HE
1.8
2.4
0.071
0.094
Q1
0.1
0.4
0.004
0.016
L
0.1
0.45
0.004
0.018
0.3mm
1mm
1mm
0.35mm
2.9mm
FOOTPRINT (in millimeters)
Note: The device fulfills the MSL level 1 after
leadfree soldering profile.
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STDD15-04W
24
SOT323-3L
0.006 g
3000
Tape & reel
STDD15-05W
25
SOT323-3L
0.006 g
3000
Tape & reel
STDD15-07S
D25
SOT323-6L
0.006 g
3000
Tape & reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com