Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6376D
Description  0.5 A high-side driver quad intelligent power switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6376D Datasheet HTML 7Page - STMicroelectronics L6376D Datasheet HTML 8Page - STMicroelectronics L6376D Datasheet HTML 9Page - STMicroelectronics L6376D Datasheet HTML 10Page - STMicroelectronics L6376D Datasheet HTML 11Page - STMicroelectronics L6376D Datasheet HTML 12Page - STMicroelectronics L6376D Datasheet HTML 13Page - STMicroelectronics L6376D Datasheet HTML 14Page - STMicroelectronics L6376D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
L6376
Short circuit operation
11/18
8
Short circuit operation
In order to allow normal operation of the other inputs when one channel is in short cirtuit, an
innovative non dissipative over current protection (patent pending) is implemented in the
device.
In this way, the temperature of the device is kept enough low to prevent the intervention of
the thermal protection (in most of the cases) and so to avoid the shut down of the whole
device.
If a short circuit condition is present on one output, the current limiting circuit puts that
channel in linear mode — sourcing the ISC current (typically 800 mA) — for a time period
(tON) defined by an external capacitor (CDON connected to the ON DELAY pin).
After that period, if the short circuit condition is still present the output is turned off for
another time period (tOFF) defined by a second external capacitor (CDOFF connected to the
OFF DELAY pin).
When also this period is expired:
●
if the short circuit condition is still present the output stays on for the tON period and the
sequence starts again;
●
if the short circuit condition is not present anymore the normal operation of the output is
resumed.
The tON and tOFF periods are completely independent and can be set from 64 µs to 15 µs,
using external capacitors ranging from 50 pF to 15 nF (1.28
µs/pF).
If the OFF DELAY pin is tied to ground (i.e. the CDOFF capacitor is not used) the tOFF time
period is 64 times the tON period.
The diagnostic output (DIAG) is active when the output is switched off, while it is not active
when the output is on (i.e. during the tON period) even if in that period a short circuit
condition is present.
Figure 5.
Short circuit operation waveforms
OUTPUT
CURRENT
tON
tON
tOFF
tOFF
Time
t<tON
DIAG
(active low)
Time
Short Circuit
Short Circuit
Isc
Iout
D94IN105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com