Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6376D
Description  0.5 A high-side driver quad intelligent power switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6376D Datasheet HTML 8Page - STMicroelectronics L6376D Datasheet HTML 9Page - STMicroelectronics L6376D Datasheet HTML 10Page - STMicroelectronics L6376D Datasheet HTML 11Page - STMicroelectronics L6376D Datasheet HTML 12Page - STMicroelectronics L6376D Datasheet HTML 13Page - STMicroelectronics L6376D Datasheet HTML 14Page - STMicroelectronics L6376D Datasheet HTML 15Page - STMicroelectronics L6376D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Programmable diagnostic delay
L6376
12/18
Typical waveforms for short circuit operation are shown in Figure 5.
If both the ON DELAY and the OFF DELAY pins are grounded the non dissipative over
current protection is inhibited and the outputs in short circuit remain on until the thermal
shutdown switch OFF the whole device. In this case the short circuit condition is not
signalled by the DIAG pin (that continues to signal the under voltage and over temperature
conditions).
9
Programmable diagnostic delay
The current limiting circuits can be requested to perform even in absence of a real fault
condition, for a short period, if the load is of capacitive nature or if it is a filament lamp (that
exhibits a very low resistance during the initial heating phase).
To avoid the forwarding of misleading — i.e. short diagnostic pulses in coincidence with the
intervention of the current limiting circuits when operating on capacitive loads — the
activation of the diagnostic can be delayed with respect to the intervention of one of the
current limiting circuits.
This delay can be defined by an external capacitor (CDON) connected between the ON
DELAY pin and ground.
10
Reset input
An external reset input R (pin 18) is provided to simultaneously switch OFF all the outputs:
this signal (active low) is in effect an asynchronous reset that keeps the outputs low
independently from the input signals. For example, this reset input can be used by the CPU
to keep the outputs low after a fault condition (signaled by the DIAG pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com