Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6376D
Description  0.5 A high-side driver quad intelligent power switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376D Datasheet(HTML) 5 Page - STMicroelectronics

  L6376D Datasheet HTML 1Page - STMicroelectronics L6376D Datasheet HTML 2Page - STMicroelectronics L6376D Datasheet HTML 3Page - STMicroelectronics L6376D Datasheet HTML 4Page - STMicroelectronics L6376D Datasheet HTML 5Page - STMicroelectronics L6376D Datasheet HTML 6Page - STMicroelectronics L6376D Datasheet HTML 7Page - STMicroelectronics L6376D Datasheet HTML 8Page - STMicroelectronics L6376D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
L6376
Pin connections
5/18
19
DIAG
Diagnostic output. This open drain output reports the IC working condition.
The bad condition (as undervoltage, overcurrent, overtemperature) turns
the output low.
5VC
Pump oscillator voltage. At this pin is available the built-in circuitry to supply
the switch driver at about 10 V higher than VS. To use this feature, connect a
capacitor across pin 4 and pin 5. The suggested value assures a fast
transition and a minimum output drop voltage even in worse condition.
Using the four channels contemporarily, values less than 6.8 nF have to be
avoided.
4VP
Bootstrapped voltage. At this pin is available the 11 V oscillation for the
charge pump, at a typical frequency of 200 kHz.
Table 3.
Pin description (continued)
N#
Pin name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com