Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6376D
Description  0.5 A high-side driver quad intelligent power switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6376D Datasheet HTML 9Page - STMicroelectronics L6376D Datasheet HTML 10Page - STMicroelectronics L6376D Datasheet HTML 11Page - STMicroelectronics L6376D Datasheet HTML 12Page - STMicroelectronics L6376D Datasheet HTML 13Page - STMicroelectronics L6376D Datasheet HTML 14Page - STMicroelectronics L6376D Datasheet HTML 15Page - STMicroelectronics L6376D Datasheet HTML 16Page - STMicroelectronics L6376D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
L6376
Demagnetization of inductive loads
13/18
11
Demagnetization of inductive loads
The device has four internal clamping diodes able to demagnetize inductive loads.
The limitation is the peak power dissipation of the packages, so — if the loads are big or if
there is the possibility to demagnetize more loads contemporarly — it is necessary to use
external demagnetization circuits.
In Figure 7 and Figure 8 are shown two topologies for the demagnetization versus ground
and versus VS.
The breakdown voltage of the external device (VZ) must be chosen considering the
minimum internal clamping voltage (Vcl) and the maximum supply voltage (VS).
Figure 6.
Input comparator hysteresis
Figure 7.
External demagnetization circuit (versus ground)
Vi
Vs
Vout
100mV
D94IN131
1.25V
100mV
DRIVER
VCP
VS
OVC
O4
O3
O2
O1
D94IN109
RS
SHORT CIRCUIT
CONTROL
UV
CURRENT
LIMIT
VZ
VZ < Vcl (min) - VS (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com