Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6386ED Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6386ED
Description  High-voltage high and low side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386ED Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6386ED Datasheet HTML 7Page - STMicroelectronics L6386ED Datasheet HTML 8Page - STMicroelectronics L6386ED Datasheet HTML 9Page - STMicroelectronics L6386ED Datasheet HTML 10Page - STMicroelectronics L6386ED Datasheet HTML 11Page - STMicroelectronics L6386ED Datasheet HTML 12Page - STMicroelectronics L6386ED Datasheet HTML 13Page - STMicroelectronics L6386ED Datasheet HTML 14Page - STMicroelectronics L6386ED Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
L6386E
Typical characteristic
11/18
Figure 11.
Shutdown time vs
temperature
Figure 12.
VBOOT UV Hysteresis
Figure 13.
VCC UV turn on threshold vs
temperature
Figure 14.
Output source current vs
temperature
Figure 15.
VCC UV turn off threshold vs
temperature
Figure 16.
Output sink current vs
temperature
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100
125
1
1.5
2
2.5
3
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100
125
9
10
11
12
13
14
15
Tj (°C)
Typ.
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100
125
7
8
9
10
11
12
Tj (°C)
Typ.
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com