Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6386ED Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6386ED
Description  High-voltage high and low side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386ED Datasheet(HTML) 4 Page - STMicroelectronics

  L6386ED Datasheet HTML 1Page - STMicroelectronics L6386ED Datasheet HTML 2Page - STMicroelectronics L6386ED Datasheet HTML 3Page - STMicroelectronics L6386ED Datasheet HTML 4Page - STMicroelectronics L6386ED Datasheet HTML 5Page - STMicroelectronics L6386ED Datasheet HTML 6Page - STMicroelectronics L6386ED Datasheet HTML 7Page - STMicroelectronics L6386ED Datasheet HTML 8Page - STMicroelectronics L6386ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin connection
L6386E
4/18
2
Pin connection
Figure 2.
Pin connection (Top view)
Table 4.
Pin description
N°
Pin
Type
Function
1
LIN
I
Low side driver logic input
2
SD(1)
1.
The circuit guarantees 0.3V maximum on the pin (@ Isink = 10mA), with VCC >3V. This allows to omit the
"bleeder" resistor connected between the gate and the source of the external MOSFET normally used to
hold the pin low; the gate driver assures low impedance also in SD condition.
I
Shut down logic input
3
HIN
I
High side driver logic input
4
VCC
Low voltage supply
5
DIAG
O
Open drain diagnostic output
6
CIN
I
Comparator input
7
SGND
Ground
8
PGND
Power ground
9
LVG (1)
O
Low side driver output
10, 11
N.C.
Not connected
12
OUT
O
High side driver floating driver
13
HVG (1)
O
High side driver output
14
Vboot
Bootstrapped supply voltage
LIN
SD
HIN
VCC
DIAG
SGND
CIN
1
3
2
4
5
6
7
PGND
N.C.
LVG
N.C.
OUT
HVG
Vboot
14
13
12
11
10
8
9
D97IN521A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com