Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6386ED Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6386ED
Description  High-voltage high and low side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386ED Datasheet(HTML) 5 Page - STMicroelectronics

  L6386ED Datasheet HTML 1Page - STMicroelectronics L6386ED Datasheet HTML 2Page - STMicroelectronics L6386ED Datasheet HTML 3Page - STMicroelectronics L6386ED Datasheet HTML 4Page - STMicroelectronics L6386ED Datasheet HTML 5Page - STMicroelectronics L6386ED Datasheet HTML 6Page - STMicroelectronics L6386ED Datasheet HTML 7Page - STMicroelectronics L6386ED Datasheet HTML 8Page - STMicroelectronics L6386ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
L6386E
Electrical characteristics
5/18
3
Electrical characteristics
3.1
AC operation
3.2
DC operation
Table 5.
AC operation
electrical characteristcs (VCC = 15V; TJ = 25°C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
ton
1,3 vs
9,13
High/low side driver turn-on
propagation delay
Vout = 0V
110
150
ns
toff
High/low side driver turn-off
propagation delay
110
150
ns
tsd
2 vs
9,13
Shut down to high/low side
propagation delay
105
150
tr
9, 13
Rise time
CL = 1000pF
50
ns
tf
Fall time
CL = 1000pF
30
ns
Table 6.
DC operation
electrical characteristcs (VCC = 15V; TJ = 25°C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Low supply voltage section
Vcc
4
Supply voltage
17
V
Vccth1
Vcc UV turn on threshold
11.5
12
12.5
V
Vccth2
Vcc UV turn off threshold
9.5
10
10.5
V
Vcchys
Vcc UV hysteresis
2
V
Iqccu
Undervoltage quiescent
supply current
Vcc ≤ 11V
200
µA
Iqcc
Quiescent current
Vcc = 15V
250
320
µA
Bootstrapped supply section
Vboot
14
Bootstrap supply voltage
17
V
Vbth1
Vboot UV turn on threshold
10.7
11.9
12.9
V
Vbth2
Vboot UV turn off threshold
9.5
9.9
10.7
V
Vbhys
Vboot UV hysteresis
2
V
Iqboot
Vboot quiescent current
HVG ON
200
µA
Ilk
High voltage leakage current
Vhvg = Vout = Vboot
= 600V
10
µA
Rdson
Bootstrap driver on
resistance (1)
Vcc ≥12.5V; Vin = 0V
125
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com