Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6386ED Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6386ED
Description  High-voltage high and low side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386ED Datasheet(HTML) 3 Page - STMicroelectronics

  L6386ED Datasheet HTML 1Page - STMicroelectronics L6386ED Datasheet HTML 2Page - STMicroelectronics L6386ED Datasheet HTML 3Page - STMicroelectronics L6386ED Datasheet HTML 4Page - STMicroelectronics L6386ED Datasheet HTML 5Page - STMicroelectronics L6386ED Datasheet HTML 6Page - STMicroelectronics L6386ED Datasheet HTML 7Page - STMicroelectronics L6386ED Datasheet HTML 8Page - STMicroelectronics L6386ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
L6386E
Electrical data
3/18
1
Electrical data
1.1
Absolute maximum ratings
Note:
ESD immunity for pins 12, 13 and 14 is guaranteed up to 900V (Human Body Model)
1.2
Thermal data
1.3
Recommended operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vout
Output voltage
-3 to Vboot - 18
V
Vcc
Supply voltage
- 0.3 to +18
V
Vboot
Floating supply voltage
-1 to 618
V
Vhvg
High side gate output voltage
- 1 to Vboot
V
Vlvg
Low side gate output voltage
-0.3 to Vcc +0.3
V
Vi
Logic input voltage
-0.3 to Vcc +0.3
V
Vdiag
Open drain forced voltage
-0.3 to Vcc +0.3
V
Vcin
Comparator input voltage
-0.3 to Vcc +0.3
V
dVout/dt
Allowed output slew rate
50
V/ns
Ptot
Total power dissipation (TJ = 85 °C)
750
mW
Tj
Junction temperature
150
°C
Tstg
Storage temperature
-50 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
SO-14
DIP-14
Unit
Rth(JA)
Thermal Resistance Junction to ambient
165
100
°C/W
Table 3.
Recommended operating conditions
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Vout
12
Output voltage
(1)
1.
If the condition Vboot - Vout < 18V is guaranteed, Vout can range from -3 to 580V
580
V
VBS
(2)
2.
VBS = Vboot - Vout
14
Floating supply voltage
(1)
17
V
fsw
Switching frequency
HVG,LVG load CL = 1nF
400
kHz
Vcc
4
Supply voltage
17
V
T
J
Junction temperature
-45
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com