Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CDR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST8024CDR
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CDR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST8024CDR Datasheet HTML 4Page - STMicroelectronics ST8024CDR Datasheet HTML 5Page - STMicroelectronics ST8024CDR Datasheet HTML 6Page - STMicroelectronics ST8024CDR Datasheet HTML 7Page - STMicroelectronics ST8024CDR Datasheet HTML 8Page - STMicroelectronics ST8024CDR Datasheet HTML 9Page - STMicroelectronics ST8024CDR Datasheet HTML 10Page - STMicroelectronics ST8024CDR Datasheet HTML 11Page - STMicroelectronics ST8024CDR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Maximum ratings
ST8024
8/31
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VDD, VDDP Supply voltage
-0.3
7
V
Vn1
Voltage on pins XTAL1, XTAL2, 5V/3V, RSTIN, AUX2UC,
AUX1UC, I/OUC, CLKDIV1, CLKDIV2, PORADJ, CMDVCC,
PRES, PRES and OFF
-0.3
VDD + 0.3
V
Vn2
Voltage on card contact pins I/O, RST, AUX1, AUX2 and CLK
-0.3
VCC + 0.3
V
Vn3
Voltage on pins VUP, S1 and S2
7
V
ESD1
MIL-STD-883 class 3 on card contact pins, PRES and PRES (1)
(2)
1.
All card contacts are protected against any short with any other card contact
2.
Method 3015 (HBM, 1500
Ω, 100 pF) 3 positive pulses and 3 negative pulses on each pin referenced to ground.
-6
6
kV
ESD2
MIL-STD-883 class 2 on µC contact pins and RSTIN (1) (2)
-2
2
kV
TJ(MAX)
Maximum operating junction temperature
150
°C
TSTG
Storage temperature range
-40
150
°C
Table 4.
Thermal data
Symbol
Parameter
Condition
SO-28
TSSOP28
Unit
RthJA
Thermal resistance junction-ambient temperature
Multilayer test board
(Jedec standard)
56
50
°K/W
Table 5.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TA
Temperature range
-25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com