Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST8024CDR
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CDR Datasheet(HTML) 1 Page - STMicroelectronics

  ST8024CDR Datasheet HTML 1Page - STMicroelectronics ST8024CDR Datasheet HTML 2Page - STMicroelectronics ST8024CDR Datasheet HTML 3Page - STMicroelectronics ST8024CDR Datasheet HTML 4Page - STMicroelectronics ST8024CDR Datasheet HTML 5Page - STMicroelectronics ST8024CDR Datasheet HTML 6Page - STMicroelectronics ST8024CDR Datasheet HTML 7Page - STMicroelectronics ST8024CDR Datasheet HTML 8Page - STMicroelectronics ST8024CDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
June 2008
Rev 7
1/31
31
ST8024
Smartcard interface
Features
■ Designed to be compatible with the NDS
conditional access system
■ IC card interface
■ 3 or 5 V supply for the IC (VDD and GND)
■ Three specifically protected half-duplex bi-
directional buffered I/O lines to card contacts
C4, C7 and C8
■ DC-DC converter for VCC generation
separately powered from a 5 V ± 20% supply
(VDDP and PGND)
■ 3 or 5 V ± 5 % regulated card supply voltage
(VCC) with appropriate decoupling has the
following capabilities:
–ICC < 80 mA at VDDP = 4 to 6.5 V
– Handles current spikes of 40 nA up to 20
MHz
– Controls rise and fall times
– Filtered overload detection at
approximately 120 mA
■ Thermal and short-circuit protection on all card
contacts
■ Automatic activation and deactivation
sequences; initiated by software or by
hardware in the event of a short-circuit, card
take-off, overheating, VDD or VDDP drop-out
■ Enhanced ESD protection on card side (>6 kV)
■ 26 MHz integrated crystal oscillator
■ Clock generation for cards up to 20 MHz
(divided by 1, 2, 4 or 8 through CLKDIV1 and
CLKDIV2 signals) with synchronous frequency
changes
■ Non-inverted control of RST via pin RSTIN
■ ISO 7816, GSM11.11 and EMV (payment
systems) compatibility
■ Supply supervisor for spike-killing during
power-on and power-off and power-on reset
(threshold fixed internally or externally by a
resistor bridge)
■ Built-in debounce on card presence contacts
■ One multiplexed status signal off
Description
The ST8024 is a complete low cost analog
interface for asynchronous 3 V and 5 V smart
cards. It can be placed between the card and the
microcontroller with few external components to
perform all supply protection and control
functions. ST8024 is a direct replacement of
ST8004.
Main applications are: smartcard readers for set-
top-box, IC card readers for banking,
identification, pay TV.
SO-28
TSSOP28
Table 1.
Device summary
Order codes
Temperature range
Package
Packaging
ST8024CDR
-25 to 85 °C
SO-28 (tape and reel)
1000 parts per reel
ST8024CTR
-25 to 85 °C
TSSOP28 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST8024CDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8024CDR STMICROELECTRONICS-ST8024CDR Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
ST8024CDR STMICROELECTRONICS-ST8024CDR Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
More results

Similar Description - ST8024CDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
ON Semiconductor
NCN6001_0610 ONSEMI-NCN6001_0610 Datasheet
475Kb / 4P
Smartcard Interface ICs
Rev.1, Oct-2006
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
Smartcard interface
31-Jan-2007
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
ST8024LCDR STMICROELECTRONICS-ST8024LCDR Datasheet
715Kb / 35P
Smartcard interface
04-May-2012
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
Using the ST8024 Smartcard Interface
10-Feb-2006
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
Smartcard interface with the STM8S microcontroller
19-Aug-2008
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
Feature Rich Smartcard Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com