Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CDR Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST8024CDR
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CDR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST8024CDR Datasheet HTML 14Page - STMicroelectronics ST8024CDR Datasheet HTML 15Page - STMicroelectronics ST8024CDR Datasheet HTML 16Page - STMicroelectronics ST8024CDR Datasheet HTML 17Page - STMicroelectronics ST8024CDR Datasheet HTML 18Page - STMicroelectronics ST8024CDR Datasheet HTML 19Page - STMicroelectronics ST8024CDR Datasheet HTML 20Page - STMicroelectronics ST8024CDR Datasheet HTML 21Page - STMicroelectronics ST8024CDR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Functional description
ST8024
18/31
The frequency change is synchronous, which means that during transition no pulse is
shorter than 45 % of the smallest period, and that the first and last clock pulses about the
instant of change have the correct width.
When changing the frequency dynamically, the change is effective for only eight periods of
XTAL1 after the command. The duty factor of fXTAL depends on the signal present at pin
XTAL1. In order to reach a 45 to 55 % duty factor on pin CLK, the input signal on pin XTAL1
should have a duty factor of 48 to 52 % and transition times of less than 5 % of the input
signal period.
If a crystal is used, the duty factor on pin CLK may be 45 to 55 % depending on the circuit
layout and on the crystal characteristics and frequency. In other cases, the duty factor on pin
CLK is guaranteed between 45 and 55 % of the clock period.
The crystal oscillator runs as soon as the IC is powered up. If the crystal oscillator is used,
or if the clock pulse on pin XTAL1 is permanent, the clock pulse is applied to the card as
shown in the activation sequences shown in Figure 5 and Figure 6
If the signal applied to XTAL1 is controlled by the system microcontroller, the clock pulse will
be applied to the card when it is sent by the system microcontroller (after completion of the
activation sequence).
5.4
I/O transceivers
The three data lines I/O, AUX1 and AUX2 are identical.The idle state is realized by both I/O
and I/OUC lines being pulled HIGH via a 11 k
Ω resistor (I/O to VCC and I/OUC to VDD). Pin
I/O is referenced to VCC, and pin I/OUC to VDD, thus allowing operation when VCC is not
equal to VDD. The first side of the transceiver to receive a falling edge becomes the master.
An anti-latch circuit disables the detection of falling edges on the line of the other side, which
then becomes a slave. After a time delay td(edge), an N transistor on the slave side is turned
on, thus transmitting the logic 0 present on the master side. When the master side returns to
logic 1, a P transistor on the slave side is turned on during the time delay tpu and then both
sides return to their idle states. This active pull-up feature ensures fast LOW-to-HIGH
transitions; it is able to deliver more than 1 mA at an output voltage of up to 0.9 VCC into an
80 pF load. At the end of the active pull-up pulse, the output voltage depends only on the
internal pull-up resistor and the load current. The current to and from the card I/O lines is
limited internally to 15 mA and the maximum frequency on these lines is 1 MHz.
Table 21.
Clock frequency selection (1)
1.
The status of pins CLKDIV1 and CLKDIV2 must not be changed simultaneously; a delay of 10 ns minimum
between changes is needed; the minimum duration of any state of CLK is eight periods of XTAL1.
CLKDIV1
CLKDIV2
fCLK
00
fXTAL/8
01
fXTAL/4
11
fXTAL/2
10
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com