Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CDR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST8024CDR
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CDR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST8024CDR Datasheet HTML 6Page - STMicroelectronics ST8024CDR Datasheet HTML 7Page - STMicroelectronics ST8024CDR Datasheet HTML 8Page - STMicroelectronics ST8024CDR Datasheet HTML 9Page - STMicroelectronics ST8024CDR Datasheet HTML 10Page - STMicroelectronics ST8024CDR Datasheet HTML 11Page - STMicroelectronics ST8024CDR Datasheet HTML 12Page - STMicroelectronics ST8024CDR Datasheet HTML 13Page - STMicroelectronics ST8024CDR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
ST8024
10/31
Table 7.
Step-up converter (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted.
Typical values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fCLK
Clock frequency
Card active
2.2
3.2
MHz
Vth(vd-vf)
Threshold voltage for step-
up converter to change to
voltage follower
5 V card
5.2
5.8
6.2
V
3 V card
3.8
4.1
4.4
VUP(av)
Output voltage on pin VUP
(average value)
VCC = 5 V
5.2
5.7
6.2
V
VCC = 3 V; VDDP = 3.3 V
3.5
3.9
4.3
Table 8.
Card supply voltage characteristics (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz,
unless otherwise noted. Typical values are to TA = 25 °C) (Note 1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CVCC
External capacitance
on pin VCC
Note 2 and Note 3
80
220
nF
VCC
Card supply voltage
(including ripple
voltage)
Card Inactive; |ICC| = 0 mA 5 and 3V card
-0.1
0
0.1
V
Card Inactive; |ICC| = 1 mA 5 and 3V card
-0.1
0
0.3
Card Active; |ICC| < 80 mA
5 V card
4.75
5
5.25
Card Active; |ICC| < 65 mA
3 V card
2.85
3
3.15
Card Active; single current
pulse IP =-100 mA; tp=2 µs
5 V card
4.65
5
5.25
Card Active; single current
pulse IP =-100 mA; tp =2 µs
3 V card
2.76
3
3.20
Card active; current pulses,
QP = 40 nAs
5 V card
4.65
5
5.25
3 V card
2.76
3
3.20
Card Active; current pulses
QP =40 nAs with
|ICC| < 200mA, tp < 400 ns
5 V card
4.65
5
5.25
3 V card
2.76
3
3.20
VCC
(RIPPLE)
(P-P)
Ripple voltage on VCC
(Peak to Peak value)
fRIPPLE = 20 kHz to 200 MHz
350
mV
|ICC|
Card supply current
VCC = 0 to 5V
80
mA
VCC = 0 to 3V
65
VCC short circuit to GND
90
120
SR
Slew rate
Slew up or down
0.08
0.15
0.22
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com