Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS507
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS507_08 Datasheet HTML 10Page - STMicroelectronics TS507_08 Datasheet HTML 11Page - STMicroelectronics TS507_08 Datasheet HTML 12Page - STMicroelectronics TS507_08 Datasheet HTML 13Page - STMicroelectronics TS507_08 Datasheet HTML 14Page - STMicroelectronics TS507_08 Datasheet HTML 15Page - STMicroelectronics TS507_08 Datasheet HTML 16Page - STMicroelectronics TS507_08 Datasheet HTML 17Page - STMicroelectronics TS507_08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Electrical characteristics
TS507
14/20
Figure 25.
Distortion + noise vs. frequency
Figure 26.
Noise vs. frequency
10
100
1000
10000
1E-4
1E-3
0.01
Vout=Vcc-1.5Vpp
Rl=2kO hm s
Gain=1
BW =80kHz
Vicm =(Vcc-1V)/2
Vcc=5V
Vcc=3.3V
Vcc=2.7V
Frequency (H z)
1
10
100
1000
10000
1
10
100
1000
Vcc=5V, Vicm =2.5V, Tam b=25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com