Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS507
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS507_08 Datasheet HTML 11Page - STMicroelectronics TS507_08 Datasheet HTML 12Page - STMicroelectronics TS507_08 Datasheet HTML 13Page - STMicroelectronics TS507_08 Datasheet HTML 14Page - STMicroelectronics TS507_08 Datasheet HTML 15Page - STMicroelectronics TS507_08 Datasheet HTML 16Page - STMicroelectronics TS507_08 Datasheet HTML 17Page - STMicroelectronics TS507_08 Datasheet HTML 18Page - STMicroelectronics TS507_08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TS507
Application note
15/20
3
Application note
An application note, based on the TS507, describes three compensation techniques for
solving stability issues when driving large capacitive loads. Two of them are briefly explained
here. For more details, refer to the application note on www.st.com. To find it, do a keyword
search for AN2653.
3.1
Out-of-the-loop compensation technique
The first technique, named the out-of-the-loop compensation, uses an isolation resistor,
ROL, added in series between the output of the amplifier and its load (see Figure 27). The
resistor isolates the op-amp feedback network from the capacitive load. This compensation
method is effective, but the drawback is a limitation on the accuracy of Vout depending on
the resistive load value.
Figure 27.
Out-of-the-loop compensation schematics
To help implement the compensation, the abacus given in Figure 28 to Figure 29 provide the
ROL value to choose for a given CL and phase/gain margins. These abacus are plotted in
the case of a voltage follower configuration with a load resistor of 10 k
Ω at 25°C.
Figure 28.
Gain margin abacus : serial resistor
to be added in a voltage follower
configuration at 25°C
Figure 29.
Phase margin abacus : serial
resistor to be added in a voltage
follower configuration at 25°C
10p
1 00p
1n
10n
1 00n
1µ
10µ
0.01
0.1
1
10
100
V
cc
= 5 V
V
ic m
= 2,5 V
T = 25 °C
R
L
= 10 k
Ω
U N S TAB L E
ST ABL E
Lo a d C a pac ito r (F )
10p
10 0p
1 n
10n
100 n
1 µ
10µ
0.01
0.1
1
10
100
30 °
20 °
10 °
V
cc
= 5 V
V
ic m
= 2,5 V
T = 25 °C
R
L
= 10 k
Ω
0 °
UN S T A B L E
ST AB L E
Loa d C a pa c ito r (F )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com