Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS507
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507 Datasheet(HTML) 3 Page - STMicroelectronics

  TS507_08 Datasheet HTML 1Page - STMicroelectronics TS507_08 Datasheet HTML 2Page - STMicroelectronics TS507_08 Datasheet HTML 3Page - STMicroelectronics TS507_08 Datasheet HTML 4Page - STMicroelectronics TS507_08 Datasheet HTML 5Page - STMicroelectronics TS507_08 Datasheet HTML 6Page - STMicroelectronics TS507_08 Datasheet HTML 7Page - STMicroelectronics TS507_08 Datasheet HTML 8Page - STMicroelectronics TS507_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TS507
Absolute maximum ratings and operating conditions
3/20
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
Value with respect to VDD pin.
6V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±2.5
V
Vin
Input voltage (3)
3.
VCC-Vin must not exceed 6V and Vin must not exceed 6V.
VDD-0.3 to VCC+0.3
V
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4) (5)
SOT23-5
SO-8
4.
Short-circuits can cause excessive heating and destructive dissipation.
5.
Rthja/c are typical values.
250
125
°C/W
Rthjc
Thermal resistance junction to case
SOT23-5
SO-8
81
40
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(6)
6.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
5kV
MM: machine model(7)
7.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
300
V
CDM: charged device model(8)
8.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
2kV
Latch-up immunity
class A
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
Value with respect to VDD pin.
2.7 to 5.5
V
Vicm
Common mode input voltage range
VDD to VCC
V
Vid
Differential input voltage(2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±2.5
V
Toper
Operating free air temperature range
TS507C
TS507I
0 to +85
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com