Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS507
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS507_08 Datasheet HTML 12Page - STMicroelectronics TS507_08 Datasheet HTML 13Page - STMicroelectronics TS507_08 Datasheet HTML 14Page - STMicroelectronics TS507_08 Datasheet HTML 15Page - STMicroelectronics TS507_08 Datasheet HTML 16Page - STMicroelectronics TS507_08 Datasheet HTML 17Page - STMicroelectronics TS507_08 Datasheet HTML 18Page - STMicroelectronics TS507_08 Datasheet HTML 19Page - STMicroelectronics TS507_08 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Application note
TS507
16/20
3.2
In-the-loop-compensation technique
The second technique is called the in-the-loop-compensation technique, because the
additional components (a resistor and a capacitor) used to improve the stability are inserted
in the feedback loop (see Figure 30).
Figure 30.
In-the-loop compensation schematics
This compensation method allows, by a good choice of compensation components, to
compensate the original pole (caused by the capacitive load), and thus to improve stability.
The main drawback of this circuit is the reduction of the output swing, because the isolation
resistor is in the signal path.
Table 6 helps you to choose the best compensation components for different ranges of load
capacitors (and with RL = 10 kΩ) in voltage follower configuration.
Table 6.
Best compensation components for different load capacitor ranges in
voltage follower configuration for TS507 (with RL = 10 kΩ)
Load capacitor
range
RIL (kΩ)CIL (pF)
Minimum gain
margin (dB)(1)
1.
Parameter guaranteed by design at 25°C.
Minimum phase
margin
(degree)(1)
10 pF to 100 pF
1
250
17
55
100 pF to 1 nF
1
250
16
42
1 nF to 10 nF
1
630
11
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com