Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH344 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH344
Description  340MHz single-supply triple video buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH344 Datasheet HTML 5Page - STMicroelectronics TSH344 Datasheet HTML 6Page - STMicroelectronics TSH344 Datasheet HTML 7Page - STMicroelectronics TSH344 Datasheet HTML 8Page - STMicroelectronics TSH344 Datasheet HTML 9Page - STMicroelectronics TSH344 Datasheet HTML 10Page - STMicroelectronics TSH344 Datasheet HTML 11Page - STMicroelectronics TSH344 Datasheet HTML 12Page - STMicroelectronics TSH344 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TSH344
Electrical characteristics
9/17
Figure 19.
Ibias vs. temperature
Figure 20.
Gain matching vs. temperature
-40
-20
0
20
40
60
80
7
6
5
4
3
2
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
20406080
0,0
0,2
0,4
0,6
0,8
1,0
Gain Matching between 3 channels
Vcc=5V
Load=150
Ω
Vin=0.3V and 1V
Temperature (°C)
Figure 21.
Supply current vs. temperature
Figure 22.
Output current vs. temperature
-40
-20
0
20
40
60
80
7
8
9
10
11
12
Vcc=5V
no Load
Temperature (°C)
-40
-20
0
2040
6080
50
60
70
80
90
100
110
Vcc=5V
Load=150
Ω
Temperature (°C)
Figure 23.
Output higher rail vs. temperature
Figure 24.
Output lower rail vs. temperature
-40
-20
0
20
40
60
80
3,5
3,6
3,7
3,8
3,9
4,0
4,1
4,2
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
20
40
60
80
20
25
30
35
40
45
50
Vcc=5V
Load=150
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com