Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH344 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH344
Description  340MHz single-supply triple video buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH344 Datasheet HTML 8Page - STMicroelectronics TSH344 Datasheet HTML 9Page - STMicroelectronics TSH344 Datasheet HTML 10Page - STMicroelectronics TSH344 Datasheet HTML 11Page - STMicroelectronics TSH344 Datasheet HTML 12Page - STMicroelectronics TSH344 Datasheet HTML 13Page - STMicroelectronics TSH344 Datasheet HTML 14Page - STMicroelectronics TSH344 Datasheet HTML 15Page - STMicroelectronics TSH344 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application information
TSH344
12/17
3.2
Power supply considerations
Correct power supply bypassing is very important for optimizing performance in low and
high-frequency ranges. Bypass capacitors should be placed as close as possible to the IC
pin (pin 4) to improve high-frequency bypassing. A capacitor (CLF) greater than 100μF is
necessary to improve the PSRR in low frequencies. For better quality bypassing, a capacitor
of 470nF (CHF) is also added as close as possible to the IC pin to improve the PSRR in the
higher frequencies.
Figure 28. Circuit for power supply bypassing
Figure 29 shows how the power supply noise rejection evolves versus frequency depending
on how carefully the power supply decoupling is achieved.
Figure 29. Improvement of power supply noise rejection
+VCC
C
LF
+
C
HF
TSH344
R
G
B
4
5
10k
100k
1M
10M
100M
-80
-70
-60
-50
-40
-30
-20
-10
0
C
LF
=100uF
C
HF
=470nF
without
capacitor
Vcc=5V
Load=150
Ω
PSRR=20 log (
ΔVCC/ΔVout)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com