Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH344 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH344
Description  340MHz single-supply triple video buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH344 Datasheet HTML 7Page - STMicroelectronics TSH344 Datasheet HTML 8Page - STMicroelectronics TSH344 Datasheet HTML 9Page - STMicroelectronics TSH344 Datasheet HTML 10Page - STMicroelectronics TSH344 Datasheet HTML 11Page - STMicroelectronics TSH344 Datasheet HTML 12Page - STMicroelectronics TSH344 Datasheet HTML 13Page - STMicroelectronics TSH344 Datasheet HTML 14Page - STMicroelectronics TSH344 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TSH344
Application information
11/17
Figure 27.
Details on one channel of the TSH344
Because of the shape of the signal described in Figure 25, we use a very low output rail
triple high-speed buffer. The TSH344 supplied in 5V single power supply features a low
output rail of 60mV (guaranteed by test) on 150
Ω load. It is dedicated for driving RGB
signals without synchronisation (in the case where the synchronization is provided digitally
on the digital bus).
The gain of the TSH344 (gain=2) is internal which makes it possible to remove two resistors
on the BOM. To avoid any perturbation on matching from the DACs output impedance along
a large band of 30MHz in HD, a discrete reconstruction filtering is implemented after the
driver. This filter is matched on 75
Ω. Note that the TSH344 uses a single supply architecture
and it is not AC output coupled (it cannot sink an output current, therefore it is not possible to
implement an output series capacitor).
video line
+5V
1/3 TSH344
(gain=2)
0V
0Volt
5Volt
Low output Rail :
60mV max. tested
(see datasheet p.3: Vol)
DAC
68pF
68pF
470nH
75
Ω
75
Ω
TV
STB
0Volt
5Volt
300mV
1V
0Volt
300mV
1V
+
100µF
10nF
External resistor.
Load required by
the DAC output
specification
600mV
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com