Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH344 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH344
Description  340MHz single-supply triple video buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH344 Datasheet HTML 9Page - STMicroelectronics TSH344 Datasheet HTML 10Page - STMicroelectronics TSH344 Datasheet HTML 11Page - STMicroelectronics TSH344 Datasheet HTML 12Page - STMicroelectronics TSH344 Datasheet HTML 13Page - STMicroelectronics TSH344 Datasheet HTML 14Page - STMicroelectronics TSH344 Datasheet HTML 15Page - STMicroelectronics TSH344 Datasheet HTML 16Page - STMicroelectronics TSH344 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TSH344
Application information
13/17
3.3
Delay between channels
Figure 30. Measurement of the delay between each channel
The delay between each video component is an important aspect in high definition video
systems. To properly drive the three video components without any relative delay, the layout
of the TSH344 dice has a very symmetrical geometry. this has a direct effect on the
synchronization of each channel, as shown in Figure 31. There is no delay detected
between channels when the same Vin signal is applied on the three inputs. Note that the
delay between the inputs and the outputs is equal to 4ns.
Figure 31. Relative delay between each channel
75
Ω
75
Ω Cable
75
Ω
75
Ω
75
Ω Cable
75
Ω
75
Ω
75
Ω Cable
75
Ω
+6dB
+6dB
+6dB
5V
Vin
V1
V2
V3
75
Ω
-4ns -2ns
0s
2ns
4ns
6ns
8ns 10ns 12ns 14ns 16ns 18ns 20ns
Vcc=5V
Load=150
Ω
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com