Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN340 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN340
Description  Quad high side smart power solid state relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN340 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN340 Datasheet HTML 2Page - STMicroelectronics VN340 Datasheet HTML 3Page - STMicroelectronics VN340 Datasheet HTML 4Page - STMicroelectronics VN340 Datasheet HTML 5Page - STMicroelectronics VN340 Datasheet HTML 6Page - STMicroelectronics VN340 Datasheet HTML 7Page - STMicroelectronics VN340 Datasheet HTML 8Page - STMicroelectronics VN340 Datasheet HTML 9Page - STMicroelectronics VN340 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
VN340SP-33-E
6/16
Note:
If INPUT pin is floating the corresponding channel will automatically switch OFF. If GND pin
is disconnected, the channel will switch OFF provided VCC not exceed 36 V.
Table 6.
Protection and diagnostic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDIAG
(1)
1.
Status determination > 100
μs after the switching edge.
Status voltage output
low
IDIAG = 5 mA (Fault condition)
1
V
VSCL
(1)
Status clamp voltage
IDIAG = 1 mA
IDIAG = 1 mA
32
36
-0.7
V
V
VUSD
Undervoltage shut
down
58
V
ILIM
DC Short circuit
current
VCC = 24 V; RLOAD < 10 mΩ
12
A
IOVPK
Peak short circuit
current
VCC = 24 V; VIN = 30 V;
RLOAD < 10 mΩ
4A
IDIAGH
Leakage ondiag pin in
high state
VDIAG = 24 V
25
μΑ
ILOAD
Output leakage
current
VCC = 10 to 36 V; VIN = VIL
50
μΑ
tSC
Delay time of current
limiter
100
μs
TTSD
Thermal shut down
temperature
150
170
°C
TR
Thermal reset
temperature
135
155
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com