Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN340 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN340
Description  Quad high side smart power solid state relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN340 Datasheet(HTML) 5 Page - STMicroelectronics

  VN340 Datasheet HTML 1Page - STMicroelectronics VN340 Datasheet HTML 2Page - STMicroelectronics VN340 Datasheet HTML 3Page - STMicroelectronics VN340 Datasheet HTML 4Page - STMicroelectronics VN340 Datasheet HTML 5Page - STMicroelectronics VN340 Datasheet HTML 6Page - STMicroelectronics VN340 Datasheet HTML 7Page - STMicroelectronics VN340 Datasheet HTML 8Page - STMicroelectronics VN340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
VN340SP-33-E
Electrical characteristics
5/16
3
Electrical characteristics
10 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified
Table 3.
Power section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Supply voltage
10
36
V
RON
On state resistance
IOUT = 0.5 A; TJ = 25 °C
IOUT = 0.5 A; TJ = 85 °C
IOUT = 0.5 A; TJ = 125 °C
0.2
0.32
0.4
Ω
Ω
Ω
IS
Supply current
All channels OFF
On state; VIN = 30 V; IOUT = 0 V
(TJ = 125 °C)
1
6
mA
mA
VOL
Low state output
voltage
VIN = VIL; RLOAD >= 10 MΩ
1.5
V
Vdemag
Output voltage at
turn-off
IOUT = 0.5 A; LLOAD >= 1 mH
VCC-
65
VCC-
55
VCC-
45
V
ILGND
Output current at
turn-off
VCC = VINn = VGND =
VSTAT = 18 to 30 V
TA = - 25 °C to 85 °C Figure 6.
2mA
Table 4.
Switching (VCC = 24 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(ON)
Turn-on delay time of
Output current
IOUT = 0.5 A, resistive load input
rise time < 0.1
μs, T
J = 25 °C
52
100
μs
tr
Rise time of output
current
IOUT = 0.5 A, resistive load input
rise time < 0.1
μs, T
J = 25 °C
94
250
μs
td(OFF)
Turn-off delay time of
output current
IOUT = 0.5 A, resistive load input
rise time < 0.1
μs, T
J = 25 °C
34
50
μs
tf
Fall time of output
current
IOUT = 0.5 A, resistive load input
rise time < 0.1
μs, T
J = 25 °C
820
μs
Table 5.
Logical input
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIL
I/O input low level
voltage
2V
VIH
I/O input high level
voltage (1)
1.
The input voltage is internally clamped at 32 V minimum, it is possible to connect the input pins to an higher
voltage via an external resistor calculate to not exceed 10 mA
3.5
V
VI(HYST)
I/O input hysteresis
voltage
0.5
V
IIN
I/O input current
VIN = 30 V
25
μΑ
VICL
I/O input clamp
voltage (1)
IIN = 1 mA
IIN = -1 mA
32
36
-0.7
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com