Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN340 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN340
Description  Quad high side smart power solid state relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN340 Datasheet(HTML) 3 Page - STMicroelectronics

  VN340 Datasheet HTML 1Page - STMicroelectronics VN340 Datasheet HTML 2Page - STMicroelectronics VN340 Datasheet HTML 3Page - STMicroelectronics VN340 Datasheet HTML 4Page - STMicroelectronics VN340 Datasheet HTML 5Page - STMicroelectronics VN340 Datasheet HTML 6Page - STMicroelectronics VN340 Datasheet HTML 7Page - STMicroelectronics VN340 Datasheet HTML 8Page - STMicroelectronics VN340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VN340SP-33-E
Maximum ratings
3/16
1
Maximum ratings
Table 1.
Absolute maximum rating
Symbol
Parameter
Values
Unit
VCC
Power supply voltage
45
V
-VCC
Reverse supply voltage
-4
V
IOUT
Output current (continuos)
Internally limited
A
IR
Reverse output current (per channel)
-6
A
IIN
Input current (per channel)
± 10
mA
IDIAG
Diag pin current
± 10
mA
VESD
Electrostatic discharge (R = 1.5 k
Ω; C = 100 pF)
2000
V
EAS
Single pulse avalanche energy per channel not
simultaneously
Figure 4.
400
mJ
Ptot
Power dissipation at Tc = 25 °C
Internally limited
w
TJ
Junction operating temperature
Internally limited
°C
TSTG
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Values
Unit
RthJC
Thermal resistance junction-case (1)
1.
Per channel
Max
3
°C/W
RthJA
Thermal resistance junction-ambient (2)
2.
When mounted using minimum recommended pad size on FR-4 board
Max
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com