Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN340 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN340
Description  Quad high side smart power solid state relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN340 Datasheet(HTML) 1 Page - STMicroelectronics

  VN340 Datasheet HTML 1Page - STMicroelectronics VN340 Datasheet HTML 2Page - STMicroelectronics VN340 Datasheet HTML 3Page - STMicroelectronics VN340 Datasheet HTML 4Page - STMicroelectronics VN340 Datasheet HTML 5Page - STMicroelectronics VN340 Datasheet HTML 6Page - STMicroelectronics VN340 Datasheet HTML 7Page - STMicroelectronics VN340 Datasheet HTML 8Page - STMicroelectronics VN340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2008
Rev 3
1/16
16
VN340SP-33-E
Quad high side smart power solid state relay
Features
■ Output current: 1 A per channel
■ Digital I/O‘s clamped at 32 V minimum voltage
■ Shorted load and overtemperature protections
■ Protection against loss of ground
■ Built-in current limiter
■ Undervoltage shut-down
■ Open drain diagnostic output
■ Fast demagnetization of inductive loads
■ Conforms to IEC 61131-2
Description
The VN340SP-33-E is a monolithic device made
using STMicroelectronics VIPower technology,
intended for driving four independent resistive or
inductive loads with one side connected to
ground. Active current limitation avoids dropping
the system power supply in case of shorted load.
Built-in thermal shut-down protects the chip from
overtemperature and short circuit. The open drain
diagnostic output indicates overtemperature
conditions. Each I/O is pulled down when
overtemperature condition of the relative channel
is verified.
Type
Vdemag
(1)
1.
Per channel.
RDS(on)
(1)
Iout
(1)
VCC
VN340SP-33-E
VCC-55 V
0.2
Ω
1 A
36 V
PowerSO-10TM
Figure 1.
Block diagram
www.st.com


Similar Part No. - VN340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN340 STMICROELECTRONICS-VN340 Datasheet
222Kb / 9P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-2000
VN340SP STMICROELECTRONICS-VN340SP Datasheet
222Kb / 9P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-2000
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E Datasheet
210Kb / 16P
Quad high side smart Power solid state relay
19-Mar-2007
VN340SP-E STMICROELECTRONICS-VN340SP-E Datasheet
211Kb / 16P
Quad high side smart Power solid state relay
05-Mar-2007
VN340SPTR-E STMICROELECTRONICS-VN340SPTR-E Datasheet
211Kb / 16P
Quad high side smart Power solid state relay
05-Mar-2007
More results

Similar Description - VN340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN330SP STMICROELECTRONICS-VN330SP Datasheet
69Kb / 9P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
Feb-1999
VN340SP STMICROELECTRONICS-VN340SP Datasheet
222Kb / 9P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-2000
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
158Kb / 14P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
05-Sep-2005
VN330SP-E STMICROELECTRONICS-VN330SP-E Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
27-Mar-2007
VNI4140K STMICROELECTRONICS-VNI4140K Datasheet
527Kb / 23P
Quad high side smart power solid state relay
19-Mar-2012
VN340SP-E STMICROELECTRONICS-VN340SP-E Datasheet
211Kb / 16P
Quad high side smart Power solid state relay
05-Mar-2007
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E Datasheet
210Kb / 16P
Quad high side smart Power solid state relay
19-Mar-2007
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E_07 Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
19-Mar-2007
VNI4140K-32 STMICROELECTRONICS-VNI4140K-32 Datasheet
525Kb / 26P
Quad high side smart power solid state relay
07-Mar-2012
VNI4140K STMICROELECTRONICS-VNI4140K_12 Datasheet
519Kb / 25P
Quad high-side smart power solid-state relay
19-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com